データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1532IRZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL1532IRZ
部品情報  Dual Channel Differential DSL Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532IRZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL1532IRZ Datasheet HTML 3Page - Intersil Corporation ISL1532IRZ Datasheet HTML 4Page - Intersil Corporation ISL1532IRZ Datasheet HTML 5Page - Intersil Corporation ISL1532IRZ Datasheet HTML 6Page - Intersil Corporation ISL1532IRZ Datasheet HTML 7Page - Intersil Corporation ISL1532IRZ Datasheet HTML 8Page - Intersil Corporation ISL1532IRZ Datasheet HTML 9Page - Intersil Corporation ISL1532IRZ Datasheet HTML 10Page - Intersil Corporation ISL1532IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6173.3
December 4, 2006
FIGURE 9. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(1/2 IS)
FIGURE 10. COMMON-MODE FREQUENCY RESPONSE vs RF
(FULL IS)
FIGURE 11. COMMON-MODEFREQUENCY RESPONSE vs RF
(3/4 IS)
FIGURE 12. COMMON-MODE FREQUENCY RESPONSE vs RF
(1/2 IS)
FIGURE 13. DIFFERENTIAL FREQUENCY RESPONSE vs CL
(FULL IS)
FIGURE 14. DIFFERENTIAL FREQUENCY RESPONSE vs CL
(3/4 IS)
Typical Performance Curves (Continued)
AV = 5
VS = ±12V
RL = 100Ω
RADJ = 0Ω
RF = 2kΩ
RF = 4kΩ
RF = 3kΩ
RF = 4kΩ
RF = 3kΩ
AV = 5
VS = ±12V
RL = 100Ω
AV = 1 COMMON_MODE
RF = 2kΩ
RF = 4kΩ
RF = 2kΩ
AV = 5
VS = ±12V
RL = 100Ω
AV = 1 COMMON-MODE
RF = 3kΩ
RF = 4kΩ
RF = 3kΩ
RF = 2kΩ
AV = 5
VS = ±12V
RL = 100Ω
AV = 1 COMMON-MODE
AV = 5
VS = ±12V
RL = 100Ω
RF = 3kΩ
47pF
27pF
0pF
15pF
AV = 5
VS = ±12V
RL = 100Ω
RF = 3kΩ
47pF
0pF
27pF
15pF
ISL1532


同様の部品番号 - ISL1532IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1532IRZ RENESAS-ISL1532IRZ Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1532IRZ-T13 RENESAS-ISL1532IRZ-T13 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1532IRZ-T7 RENESAS-ISL1532IRZ-T7 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
More results

同様の説明 - ISL1532IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com