データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1532IRZ-T7 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL1532IRZ-T7
部品情報  Dual Channel Differential DSL Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532IRZ-T7 データシート(HTML) 1 Page - Intersil Corporation

  ISL1532IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL1532IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FN6173.3
ISL1532
Data Sheet
Dual Channel Differential DSL Line Driver
The ISL1532 is a dual channel differential amplifier designed
for driving full rate ADSL2+ signals at very low power
dissipation. The high drive capability of 450mA makes this
driver ideal for DMT designs. It contains two pairs of
wideband, high-voltage, current mode feedback amplifiers
designed on Intersil’s HS30 Bipolar SOI process for low
power consumption in DSL systems.
These drivers achieve an MTPR distortion measurement of
better than 70dB, while consuming typically 5mA per DSL
channel of total supply current. This supply current can be
set using a resistor on the IADJ pin. Two other pins (C0 and
C1) can also be used to adjust supply current to one of four
pre-set modes (full-IS, 3/4-IS, 1/2-IS, and full power-down).
C0 and C1 inputs are design to pull high initially. Floating
these inputs will put the device in disable mode. This is
contrary to EL1528 where C0 and C1 inputs pull low initially
and is in the enable state when C0 and C1 pins are floated.
The ISL1532 operates on ±5V to ±15V supplies and retains
its bandwidth and linearity over the complete supply range.
The device is supplied in a thermally-enhanced
20 Ld HTSSOP and the small footprint (4x5mm) 24 Ld QFN
packages. The ISL1532 is specified for operation over the
full -40°C to +85°C temperature range.
The ISL1532 provides larger output swing at heavy loads,
higher slew rate, and higher bandwidth while maintaining
pin-to-pin drop-in compatibility with the EL1528. The
ISL1532 integrates 50k pull-up resistors on C0 and C1 pins.
Features
• 450mA output drive capability
•44.4VP-P differential output drive into 100Ω
• ±5V to ±15V supply operation
• MTPR of -70dB
• Operates down to 2mA per amplifier supply current
• Current control pins
• Channel separation
- 80dB @ 500kHz
• Direct pin-to-pin replacement for EL1528
• Pb-free plus anneal available (RoHS compliant)
Applications
• Dual port ADSL2+ line drivers
• HDSL line drivers
Pinouts
ISL1532 (24 LD QFN)
TOP VIEW
ISL1532 (20 Ld HTSSOP)
TOP VIEW
19
18
17
16
15
14
13
1
2
3
4
5
6
7
VINA+
VINB+
GND
IADJ
NC
VINC+
VIND+
VINA-
VINB-
VOUTB
VOUTC
VINC-
VIND-
VOUTD
THERMAL
PAD
C0AB
C1AB
VINA+
VINB+
GND
IADJ
VINC+
VIND+
C1CD
C0CD
VS-
VINA-
VOUTB
VINC-
VOUTD
VOUTA
VINB-
VOUTC
VIND-
VS+
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
THERMAL
PAD*
*THERMAL PAD INTERNALLY CONNECTED TO GND
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
December 4, 2006


同様の部品番号 - ISL1532IRZ-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1532IRZ-T7 RENESAS-ISL1532IRZ-T7 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
More results

同様の説明 - ISL1532IRZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com