データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76439P3 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 HUFA76439P3
部品情報  71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76439P3 データシート(HTML) 3 Page - Fairchild Semiconductor

  HUFA76439P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76439P3, HUFA76439S3S Rev. B1
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
20
40
60
80
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.1
1
2
10-4
10-3
10-2
10-1
100
101
0.01
10-5
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
100
1000
10-5
10-4
10-3
10-2
10-1
100
101
50
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
VGS = 5V
HUFA76439P3, HUFA76439S3S


同様の部品番号 - HUFA76439P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76432S3S FAIRCHILD-HUFA76432S3S Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437S3S FAIRCHILD-HUFA76437S3S Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

同様の説明 - HUFA76439P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76439P3 FAIRCHILD-HUF76439P3 Datasheet
210Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76439P3 INTERSIL-HUF76439P3 Datasheet
334Kb / 9P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409P3 FAIRCHILD-HUFA76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com