データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76443S3S データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 HUFA76443S3S
部品情報  75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76443S3S データシート(HTML) 5 Page - Fairchild Semiconductor

  HUFA76443S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA76443S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76443P3, HUFA76443S3S Rev. B
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
0.4
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
10000
0.1
1
10
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
2
4
6
8
10
0
255075
100
125
0
VDD = 30V
Qg, GATE CHARGE (nC)
ID = 75A
ID = 40A
WAVEFORMS IN
DESCENDING ORDER:
ID = 20A
100
200
400
500
600
700
0
10203040
50
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 30V, ID = 75A
tr
tf
td(ON)
td(OFF)
300
200
400
600
800
1000
0
10
203040
50
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 30V, ID = 75A
td(OFF)
tr
td(ON)
tf
HUFA76443P3, HUFA76443S3S


同様の部品番号 - HUFA76443S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76445P3 FAIRCHILD-HUFA76445P3 Datasheet
149Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76445S3S FAIRCHILD-HUFA76445S3S Datasheet
149Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

同様の説明 - HUFA76443S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76443P3 FAIRCHILD-HUF76443P3 Datasheet
212Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76443P3 INTERSIL-HUF76443P3 Datasheet
336Kb / 9P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76445P3 FAIRCHILD-HUFA76445P3 Datasheet
149Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76445P3 INTERSIL-HUF76445P3 Datasheet
332Kb / 9P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76645P3 FAIRCHILD-HUFA76645P3 Datasheet
219Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76645P3 INTERSIL-HUF76645P3 Datasheet
107Kb / 9P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76645P3 FAIRCHILD-HUF76645P3 Datasheet
218Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com