データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC08CSZ-REEL3 データシート(PDF) 8 Page - Analog Devices

部品番号 DAC08CSZ-REEL3
部品情報  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

DAC08CSZ-REEL3 データシート(HTML) 8 Page - Analog Devices

Back Button DAC08CSZ-REEL3 Datasheet HTML 4Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 5Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 6Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 7Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 8Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 9Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 10Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 11Page - Analog Devices DAC08CSZ-REEL3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DAC08
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V
0.5V
–0.5mA
IOUT
–2.5mA
200ns/DIVISION
REQ ≈ 200Ω
RL = 100Ω
CC = 0
1V
100mV
200ns
Figure 7. Fast Pulsed Reference Operation
0mA
1.0mA
2.0mA
(0000|0000)
(1111|1111)
IREF = 2mA
IOUT
IOUT
Figure 8. True and Complementary Output Operation
50ns/DIVISION
100mV
2V
50ns
5mV
2.4V
0.4V
0V
8
µA
0
Figure 9. LSB Switching
SETTLING TIME FIXTURE
IFS =2mA, RL =1kΩ
1/2LSB = 4
µA
50ns/DIVISION
ALL BITS SWITCHED ON
10mV
50ns
1V
2.4V
0.4V
–1/2LSB
0V
+1/2LSB
OUTPUT
SETTLING
Figure 10. Full-Scale Settling Time
IREF, REFERENCE CURRENT (mA)
5
0
4
3
2
1
0
12
34
5
TA = TMIN TO TMAX
ALL BITS HIGH
LIMIT FOR
V– = –5V
LIMIT FOR
V– = –15V
Figure 11. Full-Scale Current vs. Reference Current
IFS, OUTPUT FULL-SCALE CURRENT (mA)
500
400
300
200
100
0
0.005
0.02
0.10
0.50
2.00
1LSB = 7.8
µA
1LSB = 61nA
10.00
0.01
0.05
0.20
1.00
5.00
Figure 12. LSB Propagation Delay vs. IFS


同様の部品番号 - DAC08CSZ-REEL3

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC08CSZ-REEL AD-DAC08CSZ-REEL Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results

同様の説明 - DAC08CSZ-REEL3

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com