データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76645S3S データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 HUFA76645S3S
部品情報  75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76645S3S データシート(HTML) 2 Page - Fairchild Semiconductor

  HUFA76645S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA76645S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76645P3, HUFA76645S3S Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
100
-
-
V
ID = 250µA, VGS = 0V , TC = -40
oC (Figure 12)
90
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
1
µA
VDS = 90V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 75A, VGS = 10V (Figures 9, 10)
-
0.012
0.014
ID = 63A, VGS = 5V (Figure 9)
-
0.013
0.015
ID = 62A, VGS = 4.5V (Figure 9)
-
0.0135
0.0155
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-220 and TO-263
-
-
0.48
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 50V, ID = 62A
VGS = 4.5V, RGS = 2.4Ω
(Figures 15, 21, 22)
-
-
490
ns
Turn-On Delay Time
td(ON)
-17-
ns
Rise Time
tr
-
310
-
ns
Turn-Off Delay Time
td(OFF)
-46-
ns
Fall Time
tf
-
155
-
ns
Turn-Off Time
tOFF
-
-
300
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 50V, ID = 75A
VGS = 10V,
RGS = 2.4Ω
(Figures 16, 21, 22)
-
-
175
ns
Turn-On Delay Time
td(ON)
-11-
ns
Rise Time
tr
-
106
-
ns
Turn-Off Delay Time
td(OFF)
-69-
ns
Fall Time
tf
-
175
-
ns
Turn-Off Time
tOFF
-
-
365
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 50V,
ID = 63A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-
127
153
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
70
84
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
3.8
4.6
nC
Gate to Source Gate Charge
Qgs
-10-
nC
Gate to Drain “Miller” Charge
Qgd
-34-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
4400
-
pF
Output Capacitance
COSS
-
900
-
pF
Reverse Transfer Capacitance
CRSS
-
280
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 63A
-
-
1.25
V
ISD = 30A
-
-
1.0
V
Reverse Recovery Time
trr
ISD = 63A, dISD/dt = 100A/µs
-
-
128
ns
Reverse Recovered Charge
QRR
ISD = 63A, dISD/dt = 100A/µs
-
-
520
nC
HUFA76645P3, HUFA76645S3S


同様の部品番号 - HUFA76645S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results

同様の説明 - HUFA76645S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76645P3 FAIRCHILD-HUF76645P3 Datasheet
218Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76645P3 INTERSIL-HUF76645P3 Datasheet
107Kb / 9P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
Intersil Corporation
HUF76443P3 INTERSIL-HUF76443P3 Datasheet
336Kb / 9P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76445P3 FAIRCHILD-HUFA76445P3 Datasheet
149Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76443P3 FAIRCHILD-HUF76443P3 Datasheet
212Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76445P3 INTERSIL-HUF76445P3 Datasheet
332Kb / 9P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com