データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-60X10-2W データシート(PDF) 3 Page - HB Electronic Components

部品番号 LM-W6-60X10-2W
部品情報  High radiometric power per LED Very long operating life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-2W データシート(HTML) 3 Page - HB Electronic Components

  LM-W6-60X10-2W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
300
mA
Peak Pulse Current
Ipeak
Duty=0.1,1kHz
----
350
mA
Power Dissipation
Pd
----
----
2.8
W
LED Junction Temperature
Tj
----
----
120
Operating Temperature
Topr
----
-25
+80
Storage
Temperature
Tstr
----
-40
+120
ESD Sensitivity
---
HBM
8000
---
V
Soldering Temperature
---
-----
220℃ for 5 Seconds max
Electrical and optical characteristics (Ta = 25℃)
(CCT
5500k)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
9.0
9.5
10
V
Luminous Flux
Φv
140
180
-----
lm
Viewing Angle
1/2
----
120
----
Deg.
Color Temperature
CCT
5000
----
6500
K
Color Rendering Index
Ra
IF = 200mA
75
-
Luminous Flux Bins(Ta = 25℃)
Unit:lm
Bin
Q
R
S
T
Min
140
160
180
200
Max
160
180
200
240
Chromaticity Coordinates Ranks(IF=200mA
Ta=25℃)
Bin
x1
y1
x2
y2
x3
y3
x4
y4
PT1
0.3384
0.3650
0.3381
0.3550
0.3461
0.3617
0.3469
0.3717
PT2
0.3381
0.3550
0.3378
0.3451
0.3453
0.3518
0.3461
0.3617
PT3
0.3378
0.3451
0.3374
0.3352
0.3444
0.3418
0.3453
0.3518
PT4
0.3374
0.3352
0.3371
0.3252
0.3436
0.3318
0.3444
0.3418
PV1
0.3300
0.3584
0.3302
0.3484
0.3381
0.3550
0.3384
0.3650
PV2
0.3302
0.3484
0.3303
0.3384
0.3378
0.3451
0.3381
0.3550
PV3
0.3303
0.3384
0.3304
0.3285
0.3374
0.3352
0.3378
0.3451
Page 3 of 6
SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Part No.
LM-W6-60* 10-2W


同様の部品番号 - LM-W6-60X10-2W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-60X10-2W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com