データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-60X10-2W データシート(PDF) 4 Page - HB Electronic Components

部品番号 LM-W6-60X10-2W
部品情報  High radiometric power per LED Very long operating life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-2W データシート(HTML) 4 Page - HB Electronic Components

  LM-W6-60X10-2W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bin
x1
y1
x2
y2
x3
y3
x4
y4
PV4
0.3304
0.3285
0.3306
0.3185
0.3371
0.3252
0.3374
0.3352
PW1
0.3236
0.3534
0.3242
0.3434
0.3302
0.3484
0.3300
0.3584
PW2
0.3242
0.3434
0.3247
0.3335
0.3303
0.3384
0.3302
0.3484
PW3
0.3247
0.3335
0.3253
0.3235
0.3304
0.3285
0.3303
0.3384
PW4
0.3253
0.3235
0.3258
0.3136
0.3306
0.3185
0.3304
0.3285
PX1
0.3173
0.3484
0.3182
0.3385
0.3242
0.3434
0.3236
0.3534
PX2
0.3182
0.3385
0.3191
0.3286
0.3247
0.3335
0.3242
0.3434
PX3
0.3191
0.3286
0.3201
0.3186
0.3253
0.3235
0.3247
0.3335
PX4
0.3201
0.3186
0.3210
0.3086
0.3258
0.3136
0.3253
0.3235
PY1
0.3109
0.3434
0.3122
0.3335
0.3182
0.3385
0.3173
0.3484
PY2
0.3122
0.3335
0.3135
0.3236
0.3191
0.3286
0.3182
0.3385
PY3
0.3135
0.3236
0.3149
0.3136
0.3201
0.3186
0.3191
0.3286
PY4
0.3149
0.3136
0.3162
0.3037
0.3210
0.3086
0.3201
0.3186
PT
1
PT
2
PT
3
PT
4
PV
1
PV
2
PV
3
PV
4
PW
1
PW
2
PW
3
PW
4
PX
1
PX
2
PX
3
PX
4
PY
1
PY
2
PY
3
PY
4
X
Y
0.310
0.320
0.330
0.340
0.350
0.300
0.310
0.320
0.330
0.340
0.350
0.360
0.370
0.300
Note
1. Flux is measured with an accuracy of ±15%
2. Chromaticity Coordinates (x,y) is measured with an accuracy of ±0.01
3. Forward Voltage is measured with an accuracy of ± 0.2V
4. It is strongly recommended that the temperature of lead be not higher than 55
oC
Page 4 of 6
SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Part No.
LM-W6-60* 10-2W


同様の部品番号 - LM-W6-60X10-2W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-60X10-2W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com