データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-60X10-2W データシート(PDF) 5 Page - HB Electronic Components

部品番号 LM-W6-60X10-2W
部品情報  High radiometric power per LED Very long operating life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-2W データシート(HTML) 5 Page - HB Electronic Components

  LM-W6-60X10-2W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Color Spectrum, TJ=25
OC
White
Wavelength λ(nm)
0.8
0.6
0.2
0.4
600
500 550
450
400
0.0
350
1.0
650
850
800
750
700
Standard Eye Response Cruve
White
Typical electrical/optical characteristic curves:
036
9
12
0
50
100
150
200
250
FORWARD CURRENT Vs
FORWARD VOLTAGE
Forward Voltage(V)
0
100 200 300 400
0
0.5
1.0
1.5
2.0
2.5
LUMINOUS FLUX Vs.
FORWARD CURRENT
IF-Forward Current(mA)
0
20
406080
0
50
100
150
200
250
FORWARD CURRENT
DERATINE CERVE
Ambient Temperature TA()
100
-40
-20
0
20
40
0
0.5
1.0
1.5
2.0
2.5
Ambient Temperature TA()
60
80
100
LUMINOUS FLUX Vs.
AMBIENT TEMPERATURE
Page 5 of 6
SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
LM-W6-60* 10-2W
Part No.


同様の部品番号 - LM-W6-60X10-2W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-60X10-2W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com