データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-60X10-3W データシート(PDF) 1 Page - HB Electronic Components

部品番号 LM-W6-60X10-3W
部品情報  High radiometric power per LED Very long operating life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-3W データシート(HTML) 1 Page - HB Electronic Components

  LM-W6-60X10-3W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-3W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-3W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-3W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-3W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-3W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features:
Page 1 of 6
High radiometric power per LED
Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
+
NOTE:
All dimensions are millimeter.
Tolerance is ±0.1mm unless otherwise noted
It is strongly recommended that the temperature
of lead be not higher than 55
oC
The appearance and specifications of the product may be
modified for improvement without notice.
Good color uniformity
NO UV
Superior ESD protection
Easy installation with Screws
High Heat dissipstion Efficiency
Typical Applications:
Reading lights(car,bus,aircraft)
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
Decorative/Entertainment
Dental curing lights
Uplighters/Downlighters
Bollards/Security/Garden
Cove/Undershelf/Task
Indoor/Outdoor Commercial and Residential Architectural
Automotive Ext(stop-Tail-Turn)
Lcd backlights
SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
LM-W6-60* 10-3W
Part No.


同様の部品番号 - LM-W6-60X10-3W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-2W HB-LM-W6-60X10-2W Datasheet
288Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-60X10-3W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-2W HB-LM-W6-60X10-2W Datasheet
288Kb / 6P
   High radiometric power per LED Very long operating life
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com