データシートサーチシステム |
|
SM5520MEX-75.0M-T1K データシート(PDF) 4 Page - Pletronics, Inc. |
|
SM5520MEX-75.0M-T1K データシート(HTML) 4 Page - Pletronics, Inc. |
4 / 8 page SM55M Series 1.8 V CMOS Clock Oscillators April 2010 www.pletronics.com 425-776-1880 4 -180 -160 -140 -120 -100 -80 -60 -40 -20 0 10 1,000 100,000 10,000,000 Frequency (Hz) 19.4M 25M 32M 50M 66.7M Electrical Specification for 1.80V + _10% over the specified temperature range Item Typ Max Unit Condition Output T RISE and TFALL 2 5 nS < 35 MHz C LOAD = 15 pF 20% to 80% of V CC See Load Circuit 13.5 nS > 35 MHz and < 70 MHz 1.5 2.5 nS > 70 MHz 4 10 nS < 35 MHz C LOAD = 30 pF 20% to 80% of V CC See Load Circuit 27 nS > 35 MHz and < 70 MHz 3 7 nS > 70 MHz V CC Supply Current (ICC)1 2 mA < 8 MHz C LOAD = 15 pF 1.5 2.5 mA > 8 MHz and < 16 MHz 23 mA > 16 MHz and < 35 MHz -18 mA > 35 MHz and < 70 MHz 17 27 mA > 70 MHz and < 120 MHz 23 37 mA > 120 MHz 1.5 2.5 mA < 8 MHz C LOAD = 30 pF 23 mA > 8 MHz and < 16 MHz 34 mA > 16 MHz and < 35 MHz 10 20 mA > 35 MHz and < 70 MHz Specifications with Pad 1 E/D open circuit Typical phase noise plot for 5 oscillators at different output frequencies. |
同様の部品番号 - SM5520MEX-75.0M-T1K |
|
同様の説明 - SM5520MEX-75.0M-T1K |