データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21090BFB825Z-TK データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL21090BFB825Z-TK
部品情報  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB825Z-TK データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL21090BFB825Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL21090
6
FN6993.5
February 27, 2013
Typical Performance Curves (ISL21090-1.25V)
FIGURE 3. IIN vs VIN, THREE UNITS
FIGURE 4. IIN vs VIN, THREE TEMPERATURES
FIGURE 5. LINE REGULATION, THREE UNITS
FIGURE 6. LINE REGULATION, THREE TEMPERATURES
FIGURE 7. LINE TRANSIENT WITH 10nF LOAD (
ΔVIN = ±500mV)
FIGURE 8. LINE TRANSIENT WITH 100nF LOAD (
ΔVIN = ±500mV)
550
600
650
700
750
800
850
900
3.7
8.7
13.7
18.7
23.7
28.7
33.7
VIN (V)
UNIT 3
UNIT 2
UNIT 1
400
500
600
700
800
900
1000
1100
1200
3.7
8.7
13.7
18.7
23.7
28.7
33.7
VIN (V)
+25°C
-40°C
+125°C
1.2496
1.2497
1.2498
1.2499
1.2500
1.2501
1.2502
1.2503
3.7
8.7
13.7
18.7
23.7
28.7
33.7
38.7
VIN (V)
UNIT 1
UNIT 2
UNIT 3
1.2494
1.2495
1.2496
1.2497
1.2498
1.2499
1.2500
1.2501
1.2502
1.2503
3.7
8.7
13.7
18.7
23.7
28.7
33.7
VIN (V)
+25°C
-40°C
+125°C
-4
-3
-2
-1
0
1
2
3
0
10203040506070
8090
100
TIME (µs)
CL = 10nF
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
0
10
2030
4050
60708090
100
TIME (µs)
CL = 100nF


同様の部品番号 - ISL21090BFB825Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results

同様の説明 - ISL21090BFB825Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com