データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3258HFP データシート(PDF) 2 Page - Rohm

部品番号 BA3258HFP
部品情報  Dual Output Fixed Output LDO Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3258HFP データシート(HTML) 2 Page - Rohm

  BA3258HFP Datasheet HTML 1Page - Rohm BA3258HFP Datasheet HTML 2Page - Rohm BA3258HFP Datasheet HTML 3Page - Rohm BA3258HFP Datasheet HTML 4Page - Rohm BA3258HFP Datasheet HTML 5Page - Rohm BA3258HFP Datasheet HTML 6Page - Rohm BA3258HFP Datasheet HTML 7Page - Rohm BA3258HFP Datasheet HTML 8Page - Rohm BA3258HFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/15
BA3258HFP
BA33Dxx series
Datasheet
TSZ02201-0R6R0A600090-1-2
26.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Block Diagrams / Standard Example Application Circuits / Pin Configurations / Pin Descriptions
BA3258HFP
BA33DxxSeries
Pin No.
Pin name
Function
1
VCC
Power supply pin
2
N.C.
N.C. pin
3
GND
GND pin
4
VO1
3.3V output pin
5
VO2
1.5V/1.8V output pin
FIN
GND
GND pin
*The N.C. pin is not electrically connected internally
PIN
External
capacitor
setting range
VCC (1 Pin)
Approximately 3.3µF
VO1 (4 Pin)
10µF to 1000µF
VO2 (5 Pin)
10µF to 1000µF
Pin No.
Pin name
Function
1
VCC
Power supply pin
2
V02_S
Output voltage monitor pin
3
GND
GND pin
4
VO2
1.5V output pin
5
VO1
3.3V output pin
FIN
GND
GND pin
PIN
External capacitor
setting range
VCC (1 Pin)
Approximately 3.3µF
VO1 (5 Pin)
1µF to 1000µF
VO2 (4 Pin)
1µF to 1000µF
Fig.1 BA3258HFP Block Diagram
TOP VIEW
HRP5
1
2
3
4
5
TOP VIEW
HRP5
1
2
3
4
5
Fig.2 BA33Dxx Series Block Diagram
VREF
Current
Limit
Thermal
Shutdown
Current
Limit
VO1
VO2
GND
3.3V
1
μF
1.5V
1
μF
3.3
μF
VIN
C
O1
C
O2
CIN
1
2
5
4
FIN
V02_S
V
CC
3
GND
Reference
Voltage
Current
Limit
Sat.
Prevention
Current
Limit
Sat.
Prevention
Thermal
Shut Down
GND(Fin)
VCC
VCC
VCC
VCC
VCC
VO2
GND
VO1
N.C.
1
2
3
4
5
1
μF
CO
CO
10
μF
10
μF


同様の部品番号 - BA3258HFP

メーカー部品番号データシート部品情報
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
210Kb / 2P
   Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results

同様の説明 - BA3258HFP

メーカー部品番号データシート部品情報
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com