データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB017D0152 データシート(PDF) 5 Page - AVX Corporation

部品番号 CB017D0152
部品情報  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

CB017D0152 データシート(HTML) 5 Page - AVX Corporation

  CB017D0152 Datasheet HTML 1Page - AVX Corporation CB017D0152 Datasheet HTML 2Page - AVX Corporation CB017D0152 Datasheet HTML 3Page - AVX Corporation CB017D0152 Datasheet HTML 4Page - AVX Corporation CB017D0152 Datasheet HTML 5Page - AVX Corporation CB017D0152 Datasheet HTML 6Page - AVX Corporation CB017D0152 Datasheet HTML 7Page - AVX Corporation CB017D0152 Datasheet HTML 8Page - AVX Corporation CB017D0152 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
24
VOLTAGE Vdc: 63V Vac: 40V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.010μF
CB037D0103+ --
4.70
3.20
2.00
0.60
12.0
8.0
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(.0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.012
CB037D0123+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.015
CB037D0153+ --
4.70
3.20
2.40
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.095)
(0.024)
(0.472)
(0.315)
(0.102)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.40
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.095)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.018
CB037D0183+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.50
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.022
CB037D0223+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.027
CB037D0273+ --
4.70
3.20
1.90
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.075)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
1.90
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.075)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.033
CB037D0333+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.047
CB037D0473+ --
4.70
3.20
2.70
0.60
12.0
8.00
3.10
180
12.4
18.4
1500
700
BA
(0.185)
(0.126)
(0.107)
(0.024)
(0.472)
(0.315)
(0.122)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.70
0.60
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.185)
(0.126)
(0.107)
(0.024)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.056
CB037D0563+ --
4.70
3.20
2.30
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.091)
(0.024)
(0.472)
(0.315)
(0.102)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.30
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.091)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.068
CB037D0683+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.082
CB037D0823+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.50
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.100μF
CB037D0104+ --
4.70
3.20
2.80
0.60
12.0
8.00
3.10
180
12.4
18.4
1500
700
BA
(0.185)
(0.126)
(0.111)
(0.024)
(0.472)
(0.315)
(0.122)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.80
0.60
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.185)
(0.126)
(0.111)
(0.024)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
W
L
H
T
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


同様の部品番号 - CB017D0152

メーカー部品番号データシート部品情報
logo
AVX Corporation
CB017D0152 AVX-CB017D0152 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

同様の説明 - CB017D0152

メーカー部品番号データシート部品情報
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com