データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB017D0272 データシート(PDF) 11 Page - AVX Corporation

部品番号 CB017D0272
部品情報  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

CB017D0272 データシート(HTML) 11 Page - AVX Corporation

Back Button CB017D0272 Datasheet HTML 7Page - AVX Corporation CB017D0272 Datasheet HTML 8Page - AVX Corporation CB017D0272 Datasheet HTML 9Page - AVX Corporation CB017D0272 Datasheet HTML 10Page - AVX Corporation CB017D0272 Datasheet HTML 11Page - AVX Corporation CB017D0272 Datasheet HTML 12Page - AVX Corporation CB017D0272 Datasheet HTML 13Page - AVX Corporation CB017D0272 Datasheet HTML 14Page - AVX Corporation CB017D0272 Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
30
VOLTAGE Vdc: 400V Vac: 200V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.0015
CB037I0152+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0018
CB037I0182+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0022
CB037I0222+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0027
CB037I0272+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0033
CB037I0332+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0047
CB037I0472+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0056
CB037I0562+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0068
CB037I0682+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0082
CB037I0822+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.010μF
CB047I0103+ --
5.80
5.00
1.90
0.80
12.0
8.00
2.10
330
12.4
18.4
1500
4400
BC
(0.228)
(0.195)
(0.075)
(0.032)
(0.472)
(0.315)
(0.083)
(12.99)
(0.488)
(0.724)
0.012
CB047I0123+ --
5.80
5.00
2.20
0.80
12.0
8.00
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.087)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.015
CB047I0153+ --
5.80
5.00
2.00
0.80
12.0
8.00
2.43
330
12.4
18.4
1500
4400
BC
(0.228)
(0.224)
(0.079)
(0.087)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.018
CB047I0183+ --
5.80
5.00
2.30
0.80
12.0
8.00
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.091)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.022
CB047I0223+ --
5.80
5.00
2.80
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.110)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.027
CB047I0273+ --
5.80
5.00
3.30
0.80
12.0
8.00
3.45
330
12.4
18.4
1500
2800
BC
(0.228)
( 0.195)
(0.130)
( 0.032) ( 0.472)
( 0.315)
( 0.136)
(12.99 )
(0.488)
( 0.724 )
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


同様の部品番号 - CB017D0272

メーカー部品番号データシート部品情報
logo
AVX Corporation
CB017D0272 AVX-CB017D0272 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

同様の説明 - CB017D0272

メーカー部品番号データシート部品情報
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com