データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117S-1.2V データシート(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1117S-1.2V
部品情報  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117S-1.2V データシート(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117S-1.2V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM1117S-1.2V Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 10 -
HTC
Fig.3 Negative Supply
Fig.4 Active Terminator for SCSI-2BUS
Fig.5 Voltage Regulator with Reference
Fig.6 Battery Backed-up Regulated Supply


同様の部品番号 - LM1117S-1.2V

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1117S-1.5 ETC1-LM1117S-1.5 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
LM1117S-1.8 ETC1-LM1117S-1.8 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
More results

同様の説明 - LM1117S-1.2V

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Nisshinbo Micro Devices...
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com