データシートサーチシステム |
|
BD00C0AWFPS-ME2 データシート(PDF) 10 Page - Rohm |
|
BD00C0AWFPS-ME2 データシート(HTML) 10 Page - Rohm |
10 / 20 page Datasheet Datasheet 10/17 TSZ02201-0T2T0AN00050-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 08.Feb.2013 Rev.001 www.rohm.com TSZ22111・15・001 BD00C0AWFPS-M Refer to the heat mitigation characteristics illustrated in Figure 19 and Figure 20 when using the IC in an environment of Ta ≥25°C. The characteristics of the IC are greatly influenced by the operating temperature, and it is necessary to operate under the maximum junction temperature Timax. Even if the ambient temperature Ta is at 25°C it is possible that the junction temperature Tj reaches high temperatures. Therefore, the IC should be operated within the power dissipation range. Figure 19 and Figure 20 show the acceptable power dissipation characteristic curves of TO252S-5 package. Even when the ambient temperature Ta is a normal temperature (25℃), the chip (junction) temperature Tj may be quite high so please operate the IC at temperatures less than the acceptable loss Pd. The following method is used to calculate the power consumption Pc (W). Pc=(Vcc-Vo)×Io+ VCC×Ib Acceptable loss Pd ≥Pc The load current Io is obtained by operating the IC within the power dissipation range. Thus, the maximum load current Iomax for the applied voltage Vcc can be calculated during the thermal design process. Calculation Example) with TO252S-5,Ta=85℃,Vcc=10V, Vo=5V At Ta=85℃ with Figure 20③ condition, the calculation shows that ca about 500mA of output current is possible at 5V potential difference across input and output. The thermal calculation shown above should be taken into consideration during the thermal design in order to keep the whole operating temperature range within the power dissipation range. In the event of shorting (i.e. VO and GND pins are shorted) the power consumption Pc of the IC can be calculated as follows: Pc=VCC×(Ib+Ishort) Pd-VCC×Ib (Please refer to Figure.12 for Ib.) (Please refer to Figure.8 for Ishort.) Figure 20③: θja=26.0℃/W → -38.4mW/℃ 25℃=4.80W → 85℃=2.496W IO ≤ IO ≤ 498.2mA (Ib: 0.5mA) 2.496-10×Ib 5 VCC : Input voltage VO : Output voltage IO : Load current Ib : Circuit current Ishort : Short current IO ≤ VCC-Vo |
同様の部品番号 - BD00C0AWFPS-ME2 |
|
同様の説明 - BD00C0AWFPS-ME2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |