データシートサーチシステム |
|
BD00GC0WEFJ データシート(PDF) 5 Page - Rohm |
|
BD00GC0WEFJ データシート(HTML) 5 Page - Rohm |
5 / 22 page 5/19 BDxxGC0WEFJ Datasheet TSZ02201-0R6R0A600200-1-2 © 2012 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 25.July.2012 Rev.001 ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Limits Unit Power supply voltage VCC 15.0 * 1 V EN voltage VEN 15.0 V Power dissipation HTSOP-J8 Pd *2 2110 *2 mW Operating Temperature Range Topr -25 to +85 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Junction Temperature Tjmax +150 ℃ *1 Not to exceed Pd *2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer) ●Recommended Operating Ratings (Ta=25℃) Parameter Symbol Min. Max. Unit Input power supply voltage VCC 4.5 14.0 V EN voltage VEN 0.0 14.0 V Output voltage setting range VO 1.5 13.0 V Output current IO 0.0 1.0 A ●Electrical Characteristics (Unless otherwise noted, Ta=25℃, EN=3V, VCC=6V, R1=43kΩ, R2=8.2kΩ) Parameter Symbol Min. Typ. Max. Unit Conditions Circuit current at shutdown mode ISD - 0 5 µA VEN=0V, OFF mode Bias current ICC - 600 900 µA Line regulation Reg.I -1 0.5 1 % VCC=( VO+0.92V )→14.0V Load regulation Reg IO -1.5 0.5 1.5 % IO=0→1.0A Minimun dropout Voltage VCO - 0.6 0.92 V VCC=5V,IO =1.0A Output reference voltage(Variable type) VFB 0.792 0.800 0.808 V IO=0A Output voltage(Fixed type) VO VO×0.99 VO VO×1.01 V IO=0A EN Low voltage VEN (Low) 0 - 0.8 V EN High voltage VEN (High) 2.4 - 14.0 V EN Bias current IEN 1 3 9 µA |
同様の部品番号 - BD00GC0WEFJ |
|
同様の説明 - BD00GC0WEFJ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |