データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZJZRV270DAK データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 EZJZRV270DAK
部品情報  Multilayer Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZRV270DAK データシート(HTML) 1 Page - Panasonic Semiconductor

  EZJZRV270DAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZRV270DAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZRV270DAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZRV270DAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZRV270DAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZRV270DAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZRV270DAK Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Multilayer Varistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Precautions for Handling
see Page 112 to 118
n Features
l Multilayer monolithic ceramic construction
l Excellent solderability and superior heat resistance
l Large surge current and energy capabilities in
withstanding small size.
l Series EZJZS, R
l
Multilayer varistor of Zinc oxide ceramic.
suppresses the pulse noise(ESD, burst-noise) and
protects the equipment from the transient surge.
l
This Varistor is suitable for high-speed signal line
due to small capacitance.
l
Multilayer Varistor
for ESD pulse
Series
EZJZS
Series
EZJZR
n Packing method
see Page 111, 182
E
1
Z
2
J
3
ZS
4
56789
10
11
12
S
R
V
2
7
0
E
Product Code
(Multilayer Varistor)
Series code
ZnO
Size Code
2 Array Type
4 Array Type
V
Packaging Style
The first digitits
are significant
figures and the
third one denotes
the number of
zeros following.
Nomiral
Varistor voltage
Capacitance Code
Paper Taping
Design No.
Design No.
(Example)
D
27 pF max.
P
S
T
E
33 pF max.
39 pF max.
43 pF max.
47 pF max.
Nil Cap. Tolerance : max.
K Cap. Tolerance : ±10 %
M Cap. Tolerance : ±20 %
AK
n Explanation of Part Numbers
n Construction
Ceramic dielectric
Schematic
Inner Electrode
Terminal Electrode
[2 Array Type]
Ceramic dielectric
Inner Electrode
Terminal Electrode
[4 Array Type]
Schematic


同様の部品番号 - EZJZRV270DAK

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
6Mb / 67P
   Service Manual
2014
EZJZ0V171AA PANASONIC-EZJZ0V171AA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
More results

同様の説明 - EZJZRV270DAK

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com