データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZJZSV270EAM データシート(PDF) 5 Page - Panasonic Semiconductor

部品番号 EZJZSV270EAM
部品情報  Multilayer Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZSV270EAM データシート(HTML) 5 Page - Panasonic Semiconductor

  EZJZSV270EAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Multilayer Varistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Specifications
ÑÑÑ
To meet
the specified value.
EZJZ Series: ±0.1 %/¡C
EZJS Series: ±0.3 %/¡C
EZJZ Series: ±20 %
EZJS Series: ±10 %
n Performance Characteristics
l Electrical
Test Method
Unless otherwise specified all test and measurements shall
be made at a temperature of 15 to 35 ¡C and at a relative
humidity of 45 to 75 %RH. If results obtained are doubted a
further test should be carried out at a temperature of 20±
2 ¡C and a relative humidity of 60 to 70 %RH.
The maximum DC voltage that can be applied continuously
in the specified operating temperature.
The voltage between two terminals with the specified
measuring current CmA DC applied is called Vc or VcmA.
The measurement shall be made as fast as possible to avoid
heat affection.
Capacitance shall be measured with the specified
measuring frequency, 0.2 to 2.0 Vms., 0V bias and 20 ¡C.
The Maximum current within the varistor voltage change of
±10 % when a standard impulse current of 8/20 ms is
applied two times with an interval of 5 minutes.
The maximum ESD within the varistor voltage change of ±30%
when impressing 10 times of ESD (five times of positive-
negatives for each polarity) which is based on IEC61000-4-2
Coefficient indicating dependency of V-I characteristics on
temperature. This is shown by the change of VcmA per ¡C at
the ambient operating temperature.
This is shown by the maximum capacitance change at
the ambient operating temperature.
Characteristics
Standard Test
Condition
Maximum
allowable Voltage
Varistor voltage
Capacitance
Maximum peak current
Maximum ESD
Temperature coefficient
Varistor Voltage
Temperature coefficient
capacitance
Specifications
Approximately 75 %
of the terminals shall
be covered with new
solder
uniformly,
No remarkable
mechanical
ÆVc/Vc < ±10 %
l Mechanical requirements
Test Method
After securing the specimen by the body with tweezers and
dipping in to the specified soldering flux, the specimen shall
be completely immersed into a soldering bath having a
temperature of 235±5 ¡C for 4±1 seconds. And then the
specimen shall be visually examined.
Use the specified soldering flux and solder following:
Soldering Flux: Ethanol solution of rosin about 25 % by weight
Solder: Eutectic solder (Sn 63 : Pb 37)
After preheating the specimen according to the following
conditions in Table-1, the specimen shall be completely
immersed into a soldering bath having a temperature of 270±5
¡C for 3±0.5 seconds. And then be stored at room
temperature for 24±2 hours. Thereafter, the change of Vc
and the mechanical damage shall be examined.
Characteristics
Solderability
Resistance to
soldering heat
Step
Temperature
Period
1
080 to 100 ûC
300 to 360 s
2
150 to 200 ûC
300 to 360 s


同様の部品番号 - EZJZSV270EAM

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
6Mb / 67P
   Service Manual
2014
EZJZ0V171AA PANASONIC-EZJZ0V171AA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
More results

同様の説明 - EZJZSV270EAM

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com