データシートサーチシステム |
|
EZJZRV270SAM データシート(PDF) 2 Page - Panasonic Semiconductor |
|
EZJZRV270SAM データシート(HTML) 2 Page - Panasonic Semiconductor |
2 / 7 page Multilayer Varistors Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Type Part Numbers L W T BW BW1 P 2 Array Type EZJZS11111A 1.37±0.15 1.0±0.1 0.60±0.06 0.36±0.10 0.2±0.1 0.64±0.10 4 Array Type EZJZR11111A 2.00±0.15 1.25±0.15 0.85±0.10 0.25±0.10 0.2 0.5±0.1 Size Maximum Varistor Capacitance Maximum Maximum Type Code Prat Numbers Allowable Voltage @ 1MH z Peak Current ESD (EIA) Voltage @ 1mA @8/20 µs IEC61000-4-2 EZJZSV120JA DC 6.7 V 12 V 220 pF max. 5 A EZJZSV270RA DC 16 V 27 V 20 pF max. 3 A 2 Array Type 0504 EZJZSV270EA DC 16 V 27 V 47 pF max. 5 A EZJZSV800AA DC 18 V 80 V 3 pF max. ÑÑÑ Contact Discharge EZJZSV171AA DC 18 V 170 V 3 pF max. ÑÑÑ Voltage: 8 kV EZJZRV120JA DC 6.7 V 12 V 220 pF max. 5 A Air Gap Discharge EZJZRV270RA DC 16 V 27 V 20 pF max. 3 A Voltage:15 kV 4 Array Type 0805 EZJZRV270EA DC 16 V 27 V 47 pF max. 5 A EZJZRV800AA DC 18 V 80 V 3 pF max. ÑÑÑ EZJZRV171AA DC 18 V 170 V 3 pF max. ÑÑÑ Size Maximum Varistor Capacitance Maximum Maximum Type Code Prat Numbers Allowable Voltage @ 1MH z Peak Current ESD (EIA) Voltage @ 1mA @8/20 µs IEC61000-4-2 EZJZSV270DA 1 27 pF Contact Discharge 2 Array Capacitance EZJZSV270PA 1 33 pF Voltage: 8 kV Control Type 0504 EZJZSV270SA1 DC 16 V 27 V 39 pF 5 A Air Gap Discharge EZJZSV270TA 1 43 pF Voltage:15 kV EZJZSV270EA 1 47 pF +0.3 -0.1 EZJZV171AA EZJZV800AA EZJZV270 A EZJZV120JA 0.01 0.001 0.1 1 10 100 0.0001 Current (A) 0.00001 0.000001 1000 100 10 1 L [2 Array Type] [4 Array Type] L P P BW BW (Unit:mm) n Dimmension in mm(not to scale) n Typical Characteristics l Voltage vs. Current n Ratings and Characteristics l Operating Temperature Range: -40 to 85 ¡C l 1:Capacitance Tolerance Code (K:±10 %, M:±20 %) |
同様の部品番号 - EZJZRV270SAM |
|
同様の説明 - EZJZRV270SAM |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |