データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA337 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KA337
部品情報  3-Terminal 1.5A Negative Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA337 データシート(HTML) 3 Page - Fairchild Semiconductor

  KA337 Datasheet HTML 1Page - Fairchild Semiconductor KA337 Datasheet HTML 2Page - Fairchild Semiconductor KA337 Datasheet HTML 3Page - Fairchild Semiconductor KA337 Datasheet HTML 4Page - Fairchild Semiconductor KA337 Datasheet HTML 5Page - Fairchild Semiconductor KA337 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA337
3
Typical Application
Figure 1. Programmable Regulator
• Ci is required if regulator is located more then 4 inches from power supply filter.
A 1.0
µF solid tantalum or 10µF aluminum electrolytic is recommended.
Co is necessary for stability. A 1.0
µF solid tantalum or 10µF aluminum electrolytic is recommended.
•VO= -1.25V (1+R2/R1)
-VI
KA337
Ci
0. 1
µµµµF
VI
Vo
Vadj
R2
Iadj
R1
IPROG
Co
1
µµµµF
-Vo
+
+


同様の部品番号 - KA337

メーカー部品番号データシート部品情報
logo
ON Semiconductor
KA337 ONSEMI-KA337 Datasheet
430Kb / 9P
   3-Terminal 1.5 A Negative Adjustable Regulator
September 2014 Rev. 1.1.1
KA337TU ONSEMI-KA337TU Datasheet
430Kb / 9P
   3-Terminal 1.5 A Negative Adjustable Regulator
September 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
More results

同様の説明 - KA337

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
NEC
UPC337 NEC-UPC337 Datasheet
72Kb / 8P
   3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Unisonic Technologies
79DXXAA UTC-79DXXAA Datasheet
211Kb / 5P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
logo
Unisonic Technologies
LM79XXA UTC-LM79XXA Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com