データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAW56W-AU_SU_00001 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BAW56W-AU_SU_00001
部品情報  SURFACE MOUNT SWITCHING DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAW56W-AU_SU_00001 データシート(HTML) 1 Page - Pan Jit International Inc.

  BAW56W-AU_SU_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAW56W-AU_SU_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAW56W-AU_SU_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAW56W-AU_SU_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAW56W-AU_SU_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 30,2012-REV.03
BAW56W-AU,BAV70W-AU,BAV99W-AU,BAL99W-AU
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100Volts
200mWatts
MECHANICAL
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0002 Ounces, 0.005 Grams
DATA
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100Ω
3. Mountde on minimum pad.
4. Mounted on 48 cm
2 PCB.
SINGLE (Alt)
COMMON CATHODE
SERIES
COMMON ANODE
PARAMETER
SYMBOL
UNITS
Marki ng C ode
JC
JA
JB
JF
Reverse Voltag e
V R
75
V
Peak Reverse Vo lta ge
VRM
100
V
Recti fi ed C urrent (Average ), Half Wave Recti fi cati on wi th
Resi sti ve Loa d and f >=5 0 Hz
IO
150
mA
Peak F orward Surge C urre nt,0.001 ms
IFSM
4.0
A
Power D i ssi pati on D erate Above 2 5OC
PTOT
20 0
mW
Maxi mum F orward Voltage
VF
0.71 5 @ IF =0.001 A
0 .855 @ IF =0.01A
1.0 @ IF =0.05A
1.25 @ IF =0 .15A
V
Maxi mum D C Reverse C urrent at 2 5V
75V
IR
0.03
2.5
μA
Maxi mum Juncti on C ap aci tance( Notes 1 )
CJ
1.5
pF
Maxi mum Reverse Recovery Ti me (No tes 2)
TRR
4.0
ns
Typi cal Thermal Resi sta nce, Juncti on to Ambi ent(Notes 3)
Juncti on to C ase (Notes 4)
R
θJA
R
θJC
62 5
25 0
O
C / W
Juncti on Tempe rature Rang e
TJ
-55 to +1 50
O
C
Ci rcui t F i gure
Common
Ano de
Common
C athode
Seri es
Si ngle(Alt)
1
2
1
2
1
2
1
2
3
3
3
3
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
Acqire quality system certificate : TS16949
AEC-Q101 qualified
BAV70W-AU
BAW56W-AU
BAV99W-AU B AL99W-AU


同様の部品番号 - BAW56W-AU_SU_00001

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAW56W-7 DIODES-BAW56W-7 Datasheet
64Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 3 - 2
BAW56W-7 DIODES-BAW56W-7 Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
BAW56W-7-F DIODES-BAW56W-7-F Datasheet
84Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 8 - 2
BAW56W-7-F DIODES-BAW56W-7-F Datasheet
124Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 11 - 2
BAW56W-7-F DIODES-BAW56W-7-F Datasheet
85Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
More results

同様の説明 - BAW56W-AU_SU_00001

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS16-AU PANJIT-BAS16-AU Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS40-AU PANJIT-BAS40-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS70-AU PANJIT-BAS70-AU Datasheet
274Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com