データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL2111 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL2111
部品情報  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2111 データシート(HTML) 1 Page - Intersil Corporation

  ISL2111 Datasheet HTML 1Page - Intersil Corporation ISL2111 Datasheet HTML 2Page - Intersil Corporation ISL2111 Datasheet HTML 3Page - Intersil Corporation ISL2111 Datasheet HTML 4Page - Intersil Corporation ISL2111 Datasheet HTML 5Page - Intersil Corporation ISL2111 Datasheet HTML 6Page - Intersil Corporation ISL2111 Datasheet HTML 7Page - Intersil Corporation ISL2111 Datasheet HTML 8Page - Intersil Corporation ISL2111 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2006-2009, 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
ISL2110, ISL2111
100V, 3A/4A Peak, High Frequency
Half-Bridge Drivers
The ISL2110, ISL2111 are 100V, high frequency, half-bridge
N-Channel power MOSFET driver ICs. They are based on
the popular HIP2100, HIP2101 half-bridge drivers, but offer
several performance improvements. Peak output pull-up/
pull-down current has been increased to 3A/4A, which
significantly reduces switching power losses and eliminates
the need for external totem-pole buffers in many
applications. Also, the low end of the VDD operational supply
range has been extended to 8VDC. The ISL2110 has
additional input hysteresis for superior operation in noisy
environments and the inputs of the ISL2111, like those of the
ISL2110, can now safely swing to the VDD supply rail.
Features
• Drives N-Channel MOSFET Half-Bridge
• SOIC, DFN and TDFN Package Options
• SOIC, DFN and TDFN Packages Compliant with 100V
Conductor Spacing Guidelines per IPC-2221
• Pb-Free (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1W Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1nF Load with Typical Rise/Fall Times of 9ns/7.5ns
• CMOS Compatible Input Thresholds (ISL2110)
• 3.3V/TTL Compatible Input Thresholds (ISL2111)
• Independent Inputs Provide Flexibility
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Voltage Range (8V to 14V)
• Supply Undervoltage Protection
• 1.6W/1W Typical Output Pull-Up/Pull-Down Resistance
Applications
• Telecom Half-Bridge DC/DC Converters
• Telecom Full-Bridge DC/DC Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
• Class-D Audio Amplifiers
Ordering Information
PART
NUMBER
(Notes 1, 2)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL2110ABZ
2110 ABZ
-40 to +125 8 Ld SOIC
M8.15
ISL2110AR4Z 211 0AR4Z -40 to +125 12 Ld 4x4 DFN
L12.4x4A
ISL2111ABZ
2111 ABZ
-40 to +125 8 Ld SOIC
M8.15
ISL2111AR4Z 211 1AR4Z -40 to +125 12 Ld 4x4 DFN
L12.4x4A
ISL2111ARTZ 211 1ARTZ -40 to +125 10 Ld 4x4 TDFN L10.4x4
ISL2111BR4Z 211 1BR4A -40 to +125 8 Ld 4x4 DFN
L8.4x4
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL2110, ISL2111. For more information on MSL please
see techbrief TB363.
Data Sheet
March 8, 2012
FN6295.6


同様の部品番号 - ISL2111

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2111 INTERSIL-ISL2111 Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2111ABZ INTERSIL-ISL2111ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111ABZ RENESAS-ISL2111ABZ Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2111AR4Z INTERSIL-ISL2111AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111AR4Z RENESAS-ISL2111AR4Z Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

同様の説明 - ISL2111

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com