データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC2837 データシート(PDF) 2 Page - Isahaya Electronics Corporation

部品番号 MC2837
部品情報  FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISAHAYA [Isahaya Electronics Corporation]
ホームページ  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

MC2837 データシート(HTML) 2 Page - Isahaya Electronics Corporation

  MC2837_13 Datasheet HTML 1Page - Isahaya Electronics Corporation MC2837_13 Datasheet HTML 2Page - Isahaya Electronics Corporation MC2837_13 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈SMALL-SIGNAL DIODE〉
MC2837
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(SERIES TYPE)
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS
REVERSE RECOVERY TIME(trr)TEST CIRCUIT
PULSE
GENERATER
(Zout=50Ω)
SAMPLING
OSCILLOSCOPE
(Zin=50Ω)
DC POWER
SUPPLY
0.02μF
D.U.T
3kΩ
F=10mA,VR=6V
RL=50Ω
trr= REVERSE RECOVERY TIME FOR 0.1 I r
+
-
TRIGGER
VF
VR
●INPUT VOLTAGE WAVE FORM
●CURRENT WAVE FORM IN DIODE
IF
I r
0.1 I r
trr
0
0
順電流-順電圧特性
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
順電圧 VF(V)
逆電流-逆電圧特性
0.1
1
10
100
0
20406080
100
逆電圧 VR(V)
MC2837 端子間容量-逆電圧特性グラフ(代表値)
0.1
1
10
0
102030
逆電圧VR (V)
Ta=25℃
FORWARD CURRENT
VS. FORWARD VOLTAGE
FORWARD VOLTAGE VF(V)
REVERSE CURRENT
VS. REVERSE VOLTAGE
PIN CAPACITANCE
VS. REVERSE VOLTAGE
REVERSE VOLTAGE VR(V)
REVERSE VOLTAGE VR(V)


同様の部品番号 - MC2837_13

メーカー部品番号データシート部品情報
logo
Isahaya Electronics Cor...
MC2837 ISAHAYA-MC2837 Datasheet
137Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
More results

同様の説明 - MC2837_13

メーカー部品番号データシート部品情報
logo
Isahaya Electronics Cor...
MC2841 ISAHAYA-MC2841_10 Datasheet
134Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2842 ISAHAYA-MC2842_10 Datasheet
145Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2844 ISAHAYA-MC2844_10 Datasheet
146Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2846 ISAHAYA-MC2846_10 Datasheet
105Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2854 ISAHAYA-MC2854_10 Datasheet
80Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2831 ISAHAYA-MC2831 Datasheet
137Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
List of Unclassifed Man...
MC2841 ETC1-MC2841 Datasheet
147Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
MC2831 ISAHAYA-MC2831_10 Datasheet
122Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC971 ISAHAYA-MC971_13 Datasheet
153Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC981 ISAHAYA-MC981_13 Datasheet
149Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2838 ISAHAYA-MC2838 Datasheet
290Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com