データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU15SD2MG-MTR データシート(PDF) 3 Page - Rohm

部品番号 BU15SD2MG-MTR
部品情報  1ch 200mA CMOS LDO Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU15SD2MG-MTR データシート(HTML) 3 Page - Rohm

  BU15SD2MG-MTR Datasheet HTML 1Page - Rohm BU15SD2MG-MTR Datasheet HTML 2Page - Rohm BU15SD2MG-MTR Datasheet HTML 3Page - Rohm BU15SD2MG-MTR Datasheet HTML 4Page - Rohm BU15SD2MG-MTR Datasheet HTML 5Page - Rohm BU15SD2MG-MTR Datasheet HTML 6Page - Rohm BU15SD2MG-MTR Datasheet HTML 7Page - Rohm BU15SD2MG-MTR Datasheet HTML 8Page - Rohm BU15SD2MG-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Datasheet
Datasheet
3/28
TSZ02201-0RBR0A300020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.03.19 Rev.002
www.rohm.com
TSZ22111・15・001
BUxxSD2-M series
●Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Maximum Power Supply
Voltage Range
VMAX
-0.3 to +6.5
V
Power Dissipation
Pd
540
(*1)
mW
Maximum Junction
Temperature
Tjmax
+125
Operating Temperature Range
Topr
-40 to +105
Storage Temperature Range
Tstg
-55 to +125
(*1)
Derate by 5.6mW/℃ when operating above Ta=25℃.(When mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
●Recommended Operating Ratings
Parameter
Symbol
Limit
Unit
Input Power Supply Voltage
Range
VIN
1.7 to 6.0
V
Maximum Output Current
IMAX
200
mA
●Recommended Operating Conditions
Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input capacitor
Cin
0.47
(*2)
1.0
µF
A ceramic capacitor is recommended.
Output capacitor
Cout
0.47
(*2)
1.0
µF
A ceramic capacitor is recommended.
(*2)
Set the value of the capacitor so that it does not fall below the minimum value. Take into consideration the temperature characteristics,
DC
device
characteristics, and degradation with time.


同様の部品番号 - BU15SD2MG-MTR

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
BU15-1430R7BL COILCRAFT-BU15-1430R7BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-2721R6BL COILCRAFT-BU15-2721R6BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-4421R3BL COILCRAFT-BU15-4421R3BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-4530R4BL COILCRAFT-BU15-4530R4BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-7521R0BL COILCRAFT-BU15-7521R0BL Datasheet
265Kb / 6P
   Common Mode Chokes
More results

同様の説明 - BU15SD2MG-MTR

メーカー部品番号データシート部品情報
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com