データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU33SA4WGWL-E2 データシート(PDF) 1 Page - Rohm

部品番号 BU33SA4WGWL-E2
部品情報  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU33SA4WGWL-E2 データシート(HTML) 1 Page - Rohm

  BU33SA4WGWL-E2 Datasheet HTML 1Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 2Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 3Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 4Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 5Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 6Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 7Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 8Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
TSZ22111・14・001
www.rohm.com
Datasheet
CMOS LDO Regulators for Portable Equipments
1ch 200mA
CMOS LDO Regulators
BUxxSA4 series
●General Description
BUxxSA4
series
are
high-performance
CMOS
LDO
regulators with output current ability of up to 200-mA.
These devices have excellent noise and load response
characteristics
despite
of
its
low
circuit
current
consumption of 40µA. They are most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.
●Features
High Output Voltage Accuracy:
±0.6%
(±15mV on VOUT<2.5V)
High Ripple Rejection: 70 dB (Typ, 1 kHz,)
Compatible with small ceramic capacitor
(Cin=Cout=0.47 µF)
Low Current Consumption: 40 µA
Output Voltage ON/OFF control
Built-in Over Current Protection Circuit (OCP)
Built-in Thermal Shutdown Circuit (TSD)
Adopting ultra-small WLCSP UCSP50L1
●Applications
Portable devices
Camera modules
Other electronic devices using microcontrollers or
logic circuits
●Key Specifications
Input Power Supply Voltage Range:
1.7V to 5.5V
Output Current Range:
0 to 200mA
Operating Temperature Range:
-40℃ to +85℃
Output Voltage Lineup:
1.8V,2.5V,2.55V
2.8V,3.0V,3.3V
Output Voltage Accuracy:
±0.6%
Circuit Current:
40µA(Typ.)
Standby Current:
0
μA (Typ.)
●Package
W(Typ.) x D(Typ.) x H(Max.)
UCSP50L1(BUXXSA4WGWL)
0.8mm x 0.8mm x 0.5mm
●Typical Application Circuit
Figure 1. Typical Application Circuit
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
BUxxSA4


同様の部品番号 - BU33SA4WGWL-E2

メーカー部品番号データシート部品情報
logo
Rohm
BU33SD2MG-MTR ROHM-BU33SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU33SD5 ROHM-BU33SD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU33SD5WG ROHM-BU33SD5WG Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU33SD5WG-TL ROHM-BU33SD5WG-TL Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU33SD5WG-TL ROHM-BU33SD5WG-TL Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

同様の説明 - BU33SA4WGWL-E2

メーカー部品番号データシート部品情報
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com