データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZT71HG データシート(PDF) 10 Page - Arizona Microtek, Inc

部品番号 AZT71HG
部品情報  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZM [Arizona Microtek, Inc]
ホームページ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71HG データシート(HTML) 10 Page - Arizona Microtek, Inc

Back Button AZT71HG Datasheet HTML 6Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 7Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 8Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 9Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 10Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 11Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 12Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 13Page - Arizona Microtek, Inc AZT71HG Datasheet HTML 14Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
10
Request a Sample
Jan 2013, Rev 1.3
PERFORMANCE DATA
Table 8 – Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VDD
Power Supply
0 to +6.5
V
VI
1
Input Voltage
-0.5 to VDD + 0.5
V
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESDHBM
Human Body Model
TBD
V
ESDMM
Machine Model
TBD
V
ESDCDM
Charged Device Model
TBD
V
1 PV Pin can exceed V
DD by 1.2V during the programming interval
Table 9 – DC Characteristics
DC Characteristics (VDD = 2.375V to 3.6V unless otherwise specified, TA = -40 to 85
°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
CPV
Nominal capacitance variation across
process
-15
+15
%
CVV
Capacitance variation across output
voltage
Voltage variation at X1 pin, 100MHz
±150 ppm/V
CTV
Capacitance variation across
temperature
100MHz - Zero Code
325
ppm/
°C
100MHz - Mid Code
1
40
100MHz - Full Scale
130
VIH
Input HIGH Voltage
DA, CLK
0.8 * VDD
V
VIL
Input LOW Voltage
DA, CLK
0.2 * VDD
V
RPD,D
Pull-down Resistor
DA
75k
RPD,CLK
Pull-down Resistor
CLK
75k
RPD,PV
Pull-down Resistor
PV
170k
VOH
Output High Voltage
PV Pin when reading EEPROM bits
68k
Ω external pull-up resistor to V
DD
0.6 * VDD
V
VOL
Output Low Voltage
0.4
V
VPP
Programming Voltage (VDD=5.0V)
PV pin when programming EEPROM
5.6
6.0
6.1
V
IDD
Power Supply Current
Normal Operation
7.0
50
µA
IDDPROG
Power Supply Current
Programming Mode
20
µA
tMEM
EEPROM Data Retention
20
yrs
Tprog
Programming Temperature
25
°C
Cyprog
Programming Cycle
10
k
1 Bit4, Bit7 High


同様の部品番号 - AZT71HG

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZT71HG AZM-AZT71HG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
More results

同様の説明 - AZT71HG

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com