データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB601O データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 KSB601O
部品情報  Low Frequency Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB601O データシート(HTML) 2 Page - Fairchild Semiconductor

  KSB601O Datasheet HTML 1Page - Fairchild Semiconductor KSB601O Datasheet HTML 2Page - Fairchild Semiconductor KSB601O Datasheet HTML 3Page - Fairchild Semiconductor KSB601O Datasheet HTML 4Page - Fairchild Semiconductor KSB601O Datasheet HTML 5Page - Fairchild Semiconductor KSB601O Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2%
hFE Classification
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
IC = - 3A, IB1 = - 3mA,
L = 1mH
-
100
V
VCEX(sus)1
Collector-Emitter Sustaining Voltage
IC = - 3A, IB1 = - IB2 = - 3mA
VBE(off) = 5V, L =180µH
Clamped
-
100
V
VCEX(sus)2
Collector-Emitter Sustaining Voltage
IC = - 6A, IB1 = - 12mA
IB2 = 3mA, VBE(off) = 5V
L = 180uH, Clamped
-
100
V
ICBO
Collector Cut-off Current
VCB = - 100V, IE = 0
- 10
µA
ICER
Collector Cut-off Current
VCE = - 100V, RBE = 51Ω
TC= 125°C
- 1
mA
ICEX1
Collector Cut-off Current
VCE = - 100V, VBE(off) = 1.5V
- 10
µA
ICEX2
Collector Cut-off Current
VCE = - 100V, VBE(off) = 1.5V
TC = 125°C
- 1
mA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 3
mA
hFE1
hFE2
*DC Current Gain
VCE = - 2V, IC = - 3A
VCE = - 2V, IC = - 5A
2000
500
15000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 3A, IB = - 3mA
- 1.5
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 3A, IB = - 3mA
- 2
V
tON
Turn ON Time
VCC = - 50V , IC = - 3A
IB1 = - IB2 = - 3mA
RL = 17Ω
0.5
µs
tS
Storage
1
µs
tF
Fall time
1
µs
Classification
R
O
Y
hFE1
2000 ~ 5000
3000 ~ 7000
5000 ~ 15000


同様の部品番号 - KSB601O

メーカー部品番号データシート部品情報
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Protected against flux
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-110 CK-COMPONENTS-KSB0A-110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-111 CK-COMPONENTS-KSB0A-111 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
More results

同様の説明 - KSB601O

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com