データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB708 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KSB708
部品情報  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB708 データシート(HTML) 1 Page - Fairchild Semiconductor

  KSB708 Datasheet HTML 1Page - Fairchild Semiconductor KSB708 Datasheet HTML 2Page - Fairchild Semiconductor KSB708 Datasheet HTML 3Page - Fairchild Semiconductor KSB708 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤300µs, Duty Cycle≤10%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2%
hFE Cassification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 80
V
VCEO
Collector-Emitter Voltage
: B707
: B708
- 60
- 80
V
V
VEBO
Emitter-Base Voltage
- 7.0
V
IC
Collector Current (DC)
- 7.0
A
ICP
*Collector Current (Pulse)
- 15
A
IB
Base Current (DC)
- 3.5
A
PC
Collector Dissipation (TC=25°C)
40
W
PC
Collector Dissipation (Ta=25°C)
1.5
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = - 60V, IE = 0
- 10
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 10
µA
hFE1
hFE2
* DC Current Gain
VCE = - 1V, IC = - 3A
VCE = - 1V, IC = - 5A
40
20
200
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 5A, IB = - 0.5A
- 0.5
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 5A, IB = - 0.5A
- 1.5
V
Classification
R
O
Y
hFE1
40 ~ 80
60 ~ 120
100 ~ 200
KSB707/708
Low Frequency Power Amplifier
• Low Speed Switching
• Industrial Use
• Complement to KSD568/569
1.Base
2.Collector
3.Emitter
1
TO-220


同様の部品番号 - KSB708

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KSB707 SAMSUNG-KSB707 Datasheet
267Kb / 7P
   PNP (LOW FREQUENCY POWER AMPLIFIER)
More results

同様の説明 - KSB708

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com