データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1W-CN133 データシート(PDF) 5 Page - Omron Electronics LLC

部品番号 CS1W-CN133
部品情報  CS1 Ordering Guide C200H Basic I/O Modules
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN133 データシート(HTML) 5 Page - Omron Electronics LLC

  CS1W-CN133 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS1 Ordering Guide
47<
C200H Basic I/O Modules
Item
Description
Mountable racks
Bits allo-
cated
Standards
Part number
CPU
rack
C200H ex-
pansion
I/O racks
CS1 ex-
pansion
racks
SYSMAC
BUS slave
racks
cated
(CIO 0000
to
CIO 0319)
DC Input
12 VDC, 64 pt
Yes
Yes
Yes
Yes
64
U, CE
C200H-ID111
DC In ut
Modules
12 to 24 VDC,
8 inputs
Yes
Yes
Yes
Yes
16
U, C, N, L, CE
C200H-ID211
24 VDC, 16 inputs
Yes
Yes
Yes
Yes
16
C200H-ID212
AC Input
Modules
100 to 120 VAC,
8 inputs
Yes
Yes
Yes
Yes
16
U, C, N, L
C200H-IA121
100 to 120 VAC,
16 inputs
Yes
Yes
Yes
Yes
16
CE
C200H-IA122
200 to 240 VAC,
8 inputs
Yes
Yes
Yes
Yes
16
U, C, N, L
C200H-IA221
200 to 240 VAC,
16 inputs
Yes
Yes
Yes
Yes
16
CE
C200H-IA222
AC/DC
Input Modules
12 to 24 VAC/VDC,
8 inputs
Yes
Yes
Yes
Yes
16
U, C, N, L, CE
C200H-IM211
24 VAC/VDC,
16 inputs
Yes
Yes
Yes
Yes
16
C200H-IM212
B7A Input
Modules
16 inputs
Yes
Yes
Yes
Yes
16
U, C, CE
C200H-B7AI1
32 inputs
(C200H group-2
Module)
Yes
Yes
Yes
No
32
U, C
C200H-B7A12
Interrupt Input
Module
12 to 24 VDC,
8 inputs
Yes
No
No
No
16
U, C, CE
C200HS-INT01
Relay Output
Modules
250 VAC/24 VDC,
2 A, 8 outputs max.
Yes
Yes
Yes
Yes
16
U, C, N, CE
C200H-OC221
250 VAC/24 VDC,
2 A, 12 outputs max.
Yes
Yes
Yes
Yes
16
C200H-OC222
250 VAC/24 VDC,
2 A, 16 outputs max.
Yes
Yes
Yes
Yes
16
U, C, N, L, CE
C200H-OC225
250 VAC/24 VDC,
2 A, 16 outputs max.
Yes
Yes
Yes
Yes
16
C200H-OC226
250 VAC/24 VDC,
2 A, isolated contacts,
5 outputs max.
Yes
Yes
Yes
Yes
16
U, C, N, L
C200H-OC223
250 VAC/24 VDC,
2 A, isolated contacts,
8 outputs max.
Yes
Yes
Yes
Yes
16
C200H-OC224
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).


同様の部品番号 - CS1W-CN133

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CS1W-CN133 OMRON-CS1W-CN133 Datasheet
344Kb / 15P
   CPU Selection
CS1W-CN133 OMRON-CS1W-CN133 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN133 OMRON-CS1W-CN133 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CS1W-CN133-B2 OMRON-CS1W-CN133-B2 Datasheet
344Kb / 15P
   CPU Selection
CS1W-CN133-B2 OMRON-CS1W-CN133-B2 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
More results

同様の説明 - CS1W-CN133

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com