データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL4502 データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 HCPL4502
部品情報  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4502 データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL4502 Datasheet HTML 4Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 5Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 6Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 7Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 8Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 9Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 10Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 11Page - Fairchild Semiconductor HCPL4502 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
11
Tape Specifications
Reflow Profile
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.90
± 0.20
0.1 MAX
10.30
± 0.20
10.30
± 0.20
Ø1.6
± 0.1
• Peak reflow temperature: 225C (package surface temperature)
• Time of temperature higher than 183C for 60–150 seconds
• One time soldering reflow is recommended
215 C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183C, 60–150 sec
Ramp up = 3C/sec


同様の部品番号 - HCPL4502

メーカー部品番号データシート部品情報
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502M FAIRCHILD-HCPL4502M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

同様の説明 - HCPL4502

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com