データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLU110ATU データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 IRLU110ATU
部品情報  Avalanche Rugged Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLU110ATU データシート(HTML) 2 Page - Fairchild Semiconductor

  IRLU110ATU Datasheet HTML 1Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 2Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 3Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 4Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 5Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 6Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 7Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 8Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLR/U110A
100
--
1.0
--
--
--
--
--
0.1
--
--
--
--
--
50
20
8
10
17
8
5.5
0.9
3.5
--
--
2.0
100
-100
10
100
0.44
--
235
65
25
25
30
45
25
8
--
--
3.2
180
--
--
--
85
0.23
4.7
16
1.5
--
--
Notes;
(1) Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
(2) L=4mH, I
AS=4.7A, VDD=25V, RG=27, Starting TJ =25°C
(3) I
SD ≤ 5.6A, di/dt ≤ 250A/µs, VDD ≤ BVDSS , Starting TJ =25°C
(4) Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%
(5) Essentially Independent of Operating Temperature
2
1&+$11(/
32:(5 026)(7
Electrical Characteristics (T
C=25°C unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain ( Miller ) Charge
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
BVDSS
∆BV/∆T
J
VGS(th)
RDS(on)
IGSS
IDSS
V
V/
°C
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
VGS=0V,ID=250µA
ID=250µA
See Fig 7
VDS=5V,ID=250µA
VGS=20V
VGS=-20V
VDS=100V
VDS=80V,TC=125°C
VGS=5V,ID=2.35A
(4)
VDS=40V,ID=2.35A
(4)
VDD=50V,ID=5.6A,
RG=12Ω
See Fig 13
(4) (5)
VDS=80V,VGS=5V,
ID=5.6A
See Fig 6 & Fig 12 (4) (5)
Drain-to-Source Leakage Current
VGS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
(1)
Diode Forward Voltage
(4)
Reverse Recovery Time
Reverse Recovery Charge
IS
ISM
VSD
trr
Qrr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
TJ=25°C,IS=4.7A,VGS=0V
TJ=25°C,IF=5.6A
diF/dt=100A/µs
(4)


同様の部品番号 - IRLU110ATU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
IRLU110A FAIRCHILD-IRLU110A Datasheet
272Kb / 9P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRLU110A ISC-IRLU110A Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - IRLU110ATU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com