データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93LC86-I データシート(PDF) 2 Page - Microchip Technology

部品番号 93LC86-I
部品情報  8K/16K 2.5V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86-I データシート(HTML) 2 Page - Microchip Technology

  93LC86-I Datasheet HTML 1Page - Microchip Technology 93LC86-I Datasheet HTML 2Page - Microchip Technology 93LC86-I Datasheet HTML 3Page - Microchip Technology 93LC86-I Datasheet HTML 4Page - Microchip Technology 93LC86-I Datasheet HTML 5Page - Microchip Technology 93LC86-I Datasheet HTML 6Page - Microchip Technology 93LC86-I Datasheet HTML 7Page - Microchip Technology 93LC86-I Datasheet HTML 8Page - Microchip Technology 93LC86-I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
93LC76/86
DS21131F-page 2
 2010 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to Vcc + 1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
ESD protection on all pins .......................................................................................................................................... 4 kV
1.1
AC Test Conditions
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
AC Waveform:
VLO = 2.0V
VHI = Vcc - 0.2V
(Note 1)
VHI = 4.0V for
(Note 2)
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
 4.0V
2: For VCC > 4.0V


同様の部品番号 - 93LC86-I

メーカー部品番号データシート部品情報
logo
Microchip Technology
93LC86-I/P MICROCHIP-93LC86-I/P Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86-I/SN MICROCHIP-93LC86-I/SN Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86-IP MICROCHIP-93LC86-IP Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86-ISN MICROCHIP-93LC86-ISN Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
More results

同様の説明 - 93LC86-I

メーカー部品番号データシート部品情報
logo
Microchip Technology
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2010
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com