データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3316-I00XX データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-3316-I00XX
部品情報  T-1 3/4 (5mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3316-I00XX データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3316-I00XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3316-I00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Selection Guide
Luminous Intensity Iv (mcd) @ 10 mA
Color
Part Number
Min.
Max.
Red
HLMP-3316
22.00
-
HLMP-3316-I00xx
22.0
-
Yellow
HLMP-3416
14.7
-
Green
HLMP-3519
10.6
-
HLMP-3519-F00xx
10.6
-
Description
This family of T-13/4 nondiffused LED lamps is
specially designed for applications requiring higher
on-axis intensity than is achievable with a standard
lamp. The light generated is focused to a narrow
beam to achieve this effect.
Features
• High intensity
• Choice of 3 bright colors
– High Efficiency Red
– Yellow
– High Performance Green
• Popular T-13/4 diameter package
• Selected minimum intensities
• Narrow viewing angle
• General purpose leads
• Reliable and rugged
• Available on tape and reel
HLMP-331x, HLMP-341x, HLMP-351x Series
T-13/4 (5 mm) High Intensity LED Lamps
Data Sheet


同様の部品番号 - HLMP-3316-I00XX

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-3316-I00XX HP-HLMP-3316-I00XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
More results

同様の説明 - HLMP-3316-I00XX

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com