データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP53 データシート(PDF) 1 Page - ON Semiconductor

部品番号 BCP53
部品情報  PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53 データシート(HTML) 1 Page - ON Semiconductor

  BCP53 Datasheet HTML 1Page - ON Semiconductor BCP53 Datasheet HTML 2Page - ON Semiconductor BCP53 Datasheet HTML 3Page - ON Semiconductor BCP53 Datasheet HTML 4Page - ON Semiconductor BCP53 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 10
1
Publication Order Number:
BCP53T1/D
BCP53 Series
PNP Silicon
Epitaxial Transistors
This PNP Silicon Epitaxial transistor is designed for use in audio
amplifier applications. The device is housed in the SOT−223 package
which is designed for medium power surface mount applications.
High Current
NPN Complement is BCP56
The SOT−223 Package can be soldered using wave or reflow.
The formed leads absorb thermal stress during soldering,
eliminating the possibility of damage to the die
Device Marking:
BCP53T1 = AH
BCP53−10T1 = AH−10
BCP53−16T1 = AH−16
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−80
Vdc
Collector−Base Voltage
VCBO
−100
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current
IC
1.5
Adc
Total Power Dissipation
@ TA = 25°C (Note 1)
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in.
x 0.059 in.; mounting pad for the collector lead min. 0.93 sq. in.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Surface Mounted)
RqJA
83.3
°C/W
Lead Temperature for Soldering,
0.0625
″ from case
Time in Solder Bath
TL
260
10
°C
s
Device
Package
Shipping
ORDERING INFORMATION
SOT−223
CASE 318E
STYLE 1
MEDIUM POWER HIGH
CURRENT SURFACE MOUNT
PNP TRANSISTORS
MARKING DIAGRAM
BCP53T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
BCP53−16T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
BCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
BCP53−16T3G
SOT−223
(Pb−Free)
4000/Tape & Reel
1
A
= Assembly Location
Y
= Year
W
= Work Week
XXXXX = Specific Device Code
G
= Pb−Free Package
AYW
XXXXX
G
G
(*Note: Microdot may be in either location)
SBCP53−16T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
1
BASE
EMITTER 3
COLLECTOR 2, 4
1
2
4
3


同様の部品番号 - BCP53

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
   PNP Silicon Medium Power Transistor
logo
ON Semiconductor
BCP53 ONSEMI-BCP53 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
Diodes Incorporated
BCP53 DIODES-BCP53 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

同様の説明 - BCP53

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
New Jersey Semi-Conduct...
2N3244 NJSEMI-2N3244 Datasheet
181Kb / 2P
   PNP SILICON, TRANSISTORS FOR MEDIUM-CURRENT
logo
Motorola, Inc
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
SMBT35200MT1G ONSEMI-SMBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
NSL12TT1 ONSEMI-NSL12TT1 Datasheet
69Kb / 8P
   High Current Surface Mount PNP Silicon
February, 2002 ??Rev. 2
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
New Jersey Semi-Conduct...
2N4898 NJSEMI-2N4898 Datasheet
91Kb / 2P
   MEDIUM-POWER PNP SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com