データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP53-10T1G データシート(PDF) 4 Page - ON Semiconductor

部品番号 BCP53-10T1G
部品情報  PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53-10T1G データシート(HTML) 4 Page - ON Semiconductor

  BCP53-10T1G Datasheet HTML 1Page - ON Semiconductor BCP53-10T1G Datasheet HTML 2Page - ON Semiconductor BCP53-10T1G Datasheet HTML 3Page - ON Semiconductor BCP53-10T1G Datasheet HTML 4Page - ON Semiconductor BCP53-10T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP53 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. BCP53, −10 Base Emitter Turn−On
Voltage vs. Collector Current VBE(on)
Figure 8. BCP53−16 Base Emitter Turn−On
Voltage vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.9
1.1
1.2
10
1
0.1
0.01
0.001
0.2
0.5
0.6
0.7
0.8
0.9
1.0
1.2
Figure 9. BCP53, −10, −16 Saturation Region
Figure 10. Input Capacitance
Ib, BASE CURRENT (A)
VOLTAGE (V)
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
5
4
3
2
1
0
40
50
60
70
80
90
100
110
Figure 11. Output Capacitance
Figure 12. Standard Operating Area
VOLTAGE (V)
Vce, COLLECTOR EMITTER VOLTAGE (V)
20
14
10
8
6
4
2
0
0
5
10
15
20
25
100
10
1
0.1
0.01
0.1
1
10
0.8
1.0
1.1
Vce = 2 V
BCP53, −10
+150
°C
+25
°C
−55
°C
Vce = 2 V
BCP53 −16
+150
°C
+25
°C
−55
°C
0.7
0.8
0.9
BCP53, −10, −16
IC = 100 mA
IC = 500 mA
IC = 1.5 A
IC = 1.0 A
BCP53−10
BCP53
BCP53−16
12
16
18
BCP53−10
BCP53
BCP53−16
SINGLE PULSE TEST AT Tamb = 25°C
CONTINUOUS THERMAL LIMIT
100 ms 10 ms
1 ms
1 s
0.4
0.3


同様の部品番号 - BCP53-10T1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BCP53-10T1G ONSEMI-BCP53-10T1G Datasheet
141Kb / 5P
   PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-10T1G ONSEMI-BCP53-10T1G Datasheet
85Kb / 5P
   PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
BCP53-10T1G ONSEMI-BCP53-10T1G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

同様の説明 - BCP53-10T1G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
New Jersey Semi-Conduct...
2N3244 NJSEMI-2N3244 Datasheet
181Kb / 2P
   PNP SILICON, TRANSISTORS FOR MEDIUM-CURRENT
logo
Motorola, Inc
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
SMBT35200MT1G ONSEMI-SMBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
NSL12TT1 ONSEMI-NSL12TT1 Datasheet
69Kb / 8P
   High Current Surface Mount PNP Silicon
February, 2002 ??Rev. 2
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
New Jersey Semi-Conduct...
2N4898 NJSEMI-2N4898 Datasheet
91Kb / 2P
   MEDIUM-POWER PNP SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com