データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS-4-14NA データシート(PDF) 5 Page - Coilcraft lnc.

部品番号 CS-4-14NA
部品情報  ROTARY SELECTOR SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS-4-14NA データシート(HTML) 5 Page - Coilcraft lnc.

  CS-4-14NA Datasheet HTML 1Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 2Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 3Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 4Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 5Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 6Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 7Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
CS-4
ROTARY SELECTOR SWITCHES (SMD)
2
0
1.6
2.35
1.6
2
0
1.6
2.35
1.6
2
0
1.3
0.6
1.3
2
0
1.3
0.6
1.3
0
1.3
0.6
1.3
0
1.3
0.6
1.3
● CS-4-12YB
● CS-4-12XB
● CS-4-22YA
● CS-4-12YA
● CS-4-12XA
● CS-4-13NA
● CS-4-14NA
● CS-4-22YA
● CS-4-13NB
● CS-4-14NB
● CS-4-22YB
● CS-4-22YB
(Unit: mm)
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
注)0点は搭載中心とする
Note) The zero point is the center of mounting.
5
1.3
6 – 0.5
t = 0.15
1.3
C
1
1
2
2
C
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
6 – 0.5
t = 0.15
1.3
C
1
1
2
2
C
5
2.3
0.6 W
× 2.3 L × 0.5 D
Production date code
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)


同様の部品番号 - CS-4-14NA

メーカー部品番号データシート部品情報
logo
Copal Electronics
CS-4-14NA COPAL-CS-4-14NA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
More results

同様の説明 - CS-4-14NA

メーカー部品番号データシート部品情報
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com