データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7623BSTZ データシート(PDF) 11 Page - Analog Devices

部品番号 ADV7623BSTZ
部品情報  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ データシート(HTML) 11 Page - Analog Devices

Back Button ADV7623BSTZ Datasheet HTML 7Page - Analog Devices ADV7623BSTZ Datasheet HTML 8Page - Analog Devices ADV7623BSTZ Datasheet HTML 9Page - Analog Devices ADV7623BSTZ Datasheet HTML 10Page - Analog Devices ADV7623BSTZ Datasheet HTML 11Page - Analog Devices ADV7623BSTZ Datasheet HTML 12Page - Analog Devices ADV7623BSTZ Datasheet HTML 13Page - Analog Devices ADV7623BSTZ Datasheet HTML 14Page - Analog Devices ADV7623BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADV7623
Rev. D | Page 11 of 16
Pin No.
Mnemonic
Type
Description
56
TX2−
HDMI output
Differential Output Channel 2 Complement. Differential output of the red data at 10×
the pixel clock rate; supports TMDS logic level.
57
TX2+
HDMI output
Differential Output Channel 2 True. Differential output of the red data at 10× the pixel
clock rate; supports TMDS logic level.
58
TXGND
Ground
TXAVDD Ground.
59
CEC
Digital I/O
Consumer Electronics Control Channel (5 V Tolerant).
60
DGND
Ground
DVDD Ground.
61
DVDD
Power
Digital Supply Voltage (1.8 V).
62
ALSB
Digital input
This pin is used to set the I2C address of the Rx IO and the Tx main map.
63
CS
Digital input
Chip Select Pin. This pin must be set low or left floating for the chip to process I2C messages
that are destined for the ADV7623. The ADV7623 ignores I2C messages that it receives if
this pin is high.
64
EP_SCK
Digital output
SPI Clock Interface for the EDID/OSD.
65
EP_CS
Digital output
SPI Chip Selected Interface for the EDID/OSD.
66
EP_MOSI
Digital output
SPI Master Out/Slave In for the EDID/OSD.
67
EP_MISO
Digital input
SPI Master In/Slave Out for the EDID/OSD.
68
MCLK_IN
Digital input
Audio Reference Clock. 128 × N × fS with N = 1, 2, 3, or 4. Set to 128 × sampling frequency (fS),
256 × fS, 384 × fS, or 512 × fS. It supports CMOS logic levels from 1.8 V to 3.3 V.
69
SCLK_IN
Digital input
I2S Audio Clock. It supports CMOS logic levels from 1.8 V to 3.3 V.
70
AP5_IN
Digital input
Audio Input Port 5. It supports CMOS logic levels from 1.8 V to 3.3 V.
71
AP4_IN
Digital input
Audio Input Port 4. It supports CMOS logic levels from 1.8 V to 3.3 V.
72
DGNDIO
Ground
DVDDIO Ground.
73
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
74
AP3_IN
Digital input
Audio Input Port 3. It supports CMOS logic levels from 1.8 V to 3.3 V.
75
AP2_IN
Digital input
Audio Input Port 2. It supports CMOS logic levels from 1.8 V to 3.3 V.
76
AP1_IN
Digital input
Audio Input Port 1. It supports CMOS logic levels from 1.8 V to 3.3 V.
77
AP0_IN
Digital input
Audio Input Port 0. It supports CMOS logic levels from 1.8 V to 3.3 V.
78
SDATA
Digital I/O
I2C Port Serial Data Input/Output Pin. SDATA is the data line for the control port.
79
SCL
Digital input
I2C Port Serial Clock Input. SCL is the clock line for the control port.
80
DGND
Ground
DVDD Ground.
81
DVDD
Power
Digital Supply Voltage (1.8 V).
82
INT1
(AMUTE1)
Digital output
Interrupt Pin. This pin can be active low or active high. When status bits change, this pin is
triggered. The events that trigger an interrupt are under user control. This pin can also output
an audio mute signal.
83
INT2
(AMUTE2)
Digital output
Interrupt Pin. This pin can be active low or active high. When status bits change, this pin is
triggered. The events that trigger an interrupt are under user control. This pin can also output
an audio mute signal.
84
INT_TX
Digital output
Interrupt; Open Drain. A 2 kΩ pull-up resistor to the microcontroller I/O supply is recommended.
85
DGNDIO
Ground
DVDDIO Ground.
86
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
87
AP0_OUT
Digital output
Audio Output Port 0.
88
AP1_OUT
Digital output
Audio Output Port 1.
89
AP2_OUT
Digital output
Audio Output Port 2.
90
AP3_OUT
Digital output
Audio Output Port 3.
91
AP4_OUT
Digital output
Audio Output Port 4.
92
DGND
Ground
DVDD Ground.
93
DVDD
Power
Digital Supply Voltage (1.8 V).
94
AP5_OUT
Digital output
Audio Output Port 5.
95
SCLK_OUT
Digital output
Audio Serial Clock Output.
96
MCLK_OUT
Digital output
Audio Master Clock Output.
97
RESET
Digital input
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to reset
the ADV7623 circuitry.
98
PWRDN
Digital input
Active Low Power-Down Pin. If used, this pin should be pulled high to power up the
ADV7623. This pin can also be used as an in system power detect where internal EDID can
be powered from a 5 V signal of the HDMI port when it is connected to active equipment.


同様の部品番号 - ADV7623BSTZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

同様の説明 - ADV7623BSTZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com