データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL335BCPZ データシート(PDF) 7 Page - Analog Devices

部品番号 ADXL335BCPZ
部品情報  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ データシート(HTML) 7 Page - Analog Devices

Back Button ADXL335BCPZ Datasheet HTML 3Page - Analog Devices ADXL335BCPZ Datasheet HTML 4Page - Analog Devices ADXL335BCPZ Datasheet HTML 5Page - Analog Devices ADXL335BCPZ Datasheet HTML 6Page - Analog Devices ADXL335BCPZ Datasheet HTML 7Page - Analog Devices ADXL335BCPZ Datasheet HTML 8Page - Analog Devices ADXL335BCPZ Datasheet HTML 9Page - Analog Devices ADXL335BCPZ Datasheet HTML 10Page - Analog Devices ADXL335BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADXL335
Rev. B | Page 7 of 16
TEMPERATURE COEFFICIENT (mg/°C)
0
5
10
15
20
25
30
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
Figure 9. X-Axis Zero g Bias Temperature Coefficient, VS = 3 V
TEMPERATURE COEFFICIENT (mg/°C)
0
10
20
40
30
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
Figure 10. Y-Axis Zero g Bias Temperature Coefficient, VS = 3 V
TEMPERATURE COEFFICIENT (mg/°C)
0
5
10
15
20
–7 –6 –5 –4 –3 –2 –1
01234567
Figure 11. Z-Axis Zero g Bias Temperature Coefficient, VS = 3 V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
–40 –30 –20 –10 0
102030405060708090 100
N = 8
TEMPERATURE (°C)
Figure 12. X-Axis Zero g Bias vs. Temperature—
Eight Parts Soldered to PCB
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
N = 8
TEMPERATURE (°C)
Figure 13. Y-Axis Zero g Bias vs. Temperature—
Eight Parts Soldered to PCB
1.30
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
N = 8
TEMPERATURE (°C)
Figure 14. Z-Axis Zero g Bias vs. Temperature—
Eight Parts Soldered to PCB


同様の部品番号 - ADXL335BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL335BCPZ AD-ADXL335BCPZ Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results

同様の説明 - ADXL335BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com