データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 LMV321
部品情報  General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LMV321 データシート(HTML) 5 Page - Fairchild Semiconductor

  LMV321 Datasheet HTML 1Page - Fairchild Semiconductor LMV321 Datasheet HTML 2Page - Fairchild Semiconductor LMV321 Datasheet HTML 3Page - Fairchild Semiconductor LMV321 Datasheet HTML 4Page - Fairchild Semiconductor LMV321 Datasheet HTML 5Page - Fairchild Semiconductor LMV321 Datasheet HTML 6Page - Fairchild Semiconductor LMV321 Datasheet HTML 7Page - Fairchild Semiconductor LMV321 Datasheet HTML 8Page - Fairchild Semiconductor LMV321 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LMV321/LMV358/LMV324
DATA SHEET
REV. 1A April 2004
5
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = 10
1
10
G = 5
G = 1
G = 2
Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = -10
1
10
G = -5
G = -1
G = -2
Non-Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.01
0.1
G = 10
1
10
G = 5
G = 1
G = 2
Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.01
0.1
G = -10
1
10
G = -5
G = -1
G = -2
Frequency Response vs. CL
Frequency (MHz)
0.01
0.1
1
10
CL = 200pF
Rs = 0
CL = 20pF
Rs = 0
CL = 200pF
Rs = 225Ω
CL = 100pF
Rs = 0
CL = 10pF
Rs = 0
CL = 2pF
Rs = 0
CL = 50pF
Rs = 0
+
-
10k
10k
Rs
CL
2k
Frequency Response vs. RL
Frequency (MHz)
0.01
0.1
1
10
RL = 1kΩ
RL = 2kΩ
RL = 100kΩ
RL = 10kΩ
Small Signal Pulse Response
Time (
µs)
020
2
4
6
8
10
12
14
16
18
-0.05
0.1
0.25
0
0.05
0.2
0.15
Large Signal Pulse Response
Time (
µs)
020
2
4
6
8
10
12
14
16
18
-0.5
0.1
2.5
0
0.5
2
1.5
Typical Operating Characteristics
(Tc = 25°C, Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 10kΩ, Vo (DC) = Vcc/2; unless otherwise noted)


同様の部品番号 - LMV321

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
624Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
More results

同様の説明 - LMV321

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132 Datasheet
390Kb / 11P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com