データシートサーチシステム |
|
CB1AH-P-24V データシート(PDF) 3 Page - Panasonic Semiconductor |
|
CB1AH-P-24V データシート(HTML) 3 Page - Panasonic Semiconductor |
3 / 9 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ CB ASCTB220E 201208-T 2. Specifications 1) Standard type (12 V coil voltage) Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS. 2) Standard type (24 V coil voltage) Note: All other specifications are the same as those of standard type (12 V coil voltage) 3) Heat resistant type (12 V and 24 V coil voltage) Notes: 1. All other specifications are the same as those of standard type (12 V coil voltage) 2. *Current value in which carry current is possible when the coil temperature is 180 °C 356°F Characteristics Item Specification Contact Arrangement 1 Form A 1 Form C High contact capacity (1 Form A) Contact resistance (Initial) Typ2m Ω (By voltage drop 6 V DC 1 A) Contact material Ag alloy (Cadmium free) Rating Nominal switching capacity (Initial) 40A 14V DC N.O.: 40A 14V DC N.C.: 30A 14V DC 70A 14V DC (at 20 °C 68°F) 50A 14V DC (at 85 °C 185°F) Max. carrying current (Initial) (14V DC, at 85 °C 185°F, continuous) N.O.: 40A N.O.: 40A, N.C.: 30A N.O.: 40A Nominal operating power 1.4W 1.4W 1.8W (1.4W: PC board type) Min. switching capacity (resistive load)*1 1A 14V DC Electrical characteristics Insulation resistance (Initial) Min. 20 M Ω (at 500V DC, Measurement at same location as “Breakdown voltage” section.) Breakdown voltage (Initial) Between open contacts 500 Vrms for 1 min. (Detection current: 10mA) Between contacts and coil 500 Vrms for 1 min. (Detection current: 10mA) Operate time (at nominal coil voltage) (at 20 °C 68°F) Max. 15ms (excluding contact bounce time) (Initial) Release time (at nominal coil voltage) (at 20 °C 68°F) Max. 15ms (excluding contact bounce time) (Initial) Mechanical characteristics Shock resistance Functional Min. 200 m/s2 {20G} Destructive Min. 1,000 m/s2 {100G} Vibration resistance Functional 10 Hz to 500 Hz, Min. 44.1m/s2 {4.5G} Destructive 10 Hz to 2,000 Hz, Min. 44.1m/s2 {4.5G} Time of vibration for each direction; X. Y. Z direction: 4 hours Expected life Electrical (at nominal switching capacity) Flux-resistant type: Min. 105, Sealed type: Min. 5 ×104 (Operating frequency: 2s ON, 2s OFF) Mechanical Min. 106 (at 120 cpm) Conditions Conditions for operation, transport and storage*2 Standard type; Ambient temperature: –40 to +85 °C –40 to +185°F, Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) Heat resistant type; Ambient temperature: –40 to +125 °C –40 to +257°F, Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) Max. operating speed 15 cpm (at nominal switching capacity) Mass Approx. 33 g 1.16 oz Characteristics Item Specifications Contact Arrangement 1 Form A 1 Form C High contact capacity (1 Form A) Contact resistance (Initial) Max. 15m Ω (By voltage drop 6 V DC 1 A) Contact material Ag alloy (Cadmium free) Rating Nominal switching capacity (Initial) 20A 28V DC N.O.: 20A 28V DC N.C.: 10A 28V DC 20A 28V DC Max. carrying current (Initial) (28V DC, at 85 °C 185°F, continuous) 20A N.O.: 20A, N.C.: 10A 20A Nominal operating power 1.8W 1.8W 1.8W, 1.4W (PC board type) Characteristics Item Specifications 12V 24V Contact Arrangement 1 Form A 1 Form C High contact capacity (1 Form A) 1 Form A 1 Form C High contact capacity (1 Form A) Contact resistance (Initial) Max. 15m Ω (By voltage drop 6 V DC 1 A) Contact material Ag alloy (Cadmium free) Rating Nominal switching capacity (Initial) 40A 14V DC N.O.: 40A 14V DC N.C.: 30A 14V DC 40A 14V DC 20A 28V DC N.O.: 20A 28V DC N.C.: 10A 28V DC 20A 28V DC Max. carrying current (Initial) (at 85 °C 185°F, continuous)* 50A 14V DC N.O.: 50A 14V DC N.C.: 30A 14V DC 45A 14V DC 50A 14V DC 25A 28V DC N.O.: 25A 28V DC N.C.: 10A 28V DC 25A 28V DC Nominal operating power 1.4W 1.4W 1.8W 1.4W (PC board type) 1.8W 1.8W 1.8W, 1.4W (PC board type) |
同様の部品番号 - CB1AH-P-24V |
|
同様の説明 - CB1AH-P-24V |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |