データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1506F データシート(PDF) 6 Page - Panasonic Semiconductor

部品番号 AM1506F
部品情報  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1506F データシート(HTML) 6 Page - Panasonic Semiconductor

  AM1506F Datasheet HTML 1Page - Panasonic Semiconductor AM1506F Datasheet HTML 2Page - Panasonic Semiconductor AM1506F Datasheet HTML 3Page - Panasonic Semiconductor AM1506F Datasheet HTML 4Page - Panasonic Semiconductor AM1506F Datasheet HTML 5Page - Panasonic Semiconductor AM1506F Datasheet HTML 6Page - Panasonic Semiconductor AM1506F Datasheet HTML 7Page - Panasonic Semiconductor AM1506F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AM1
Rigid lever
mm General tolerance:
±0.4
AM1501F (Solder terminal)
AM1701F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R63.5
Lever: Stainless steel
4.8
Operating force,
max.
0.69 N
Release force,
min.
0.14 N
Pretravel,
max. mm
10
Movement differential,
max. mm
1.3
Overtravel,
min. mm
5.6
Operating position,
mm
19.1
±0.7
CAD Data
Rigid short roller lever
AM1504F (Solder terminal)
AM1704F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R26.7
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.57 N
Release force,
min.
0.42 N
Pretravel,
max. mm
4.5
Movement differential,
max. mm
0.7
Overtravel,
min. mm
2.4
Operating position,
mm
30.2
±0.4
CAD Data
Rigid roller lever
AM1503F (Solder terminal)
AM1703F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R48.3
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
0.98 N
Release force,
min.
0.2 N
Pretravel,
max. mm
7.5
Movement differential,
max. mm
1.3
Overtravel,
min. mm
3.6
Operating position,
mm
30.2
±0.7
CAD Data
2. One way types
This type is operated only to one direction, not to the reversed direction by the construction of the roller lever, pivoting away from the
cam on the return stroke.
Rigid short roller lever
AM1544F (Solder terminal)
AM1744F (Screw terminal)
26.1
27.8 max.
20.1
±0.5
F.P.
O.P.
R21.1
Roller 4.75 dia.
×4.75:
Plastic
Operating force,
max.
2.23 N
Release force,
min.
0.42 N
Pretravel,
max. mm
3.5
Movement differential,
max. mm
0.4
Overtravel,
min. mm
1.5
Operating position,
mm
30.2
±0.4
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


同様の部品番号 - AM1506F

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM150 TRSYS-AM150 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM150 COMCHIP-AM150 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Comchip Technology
AM150-G COMCHIP-AM150-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
More results

同様の説明 - AM1506F

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shunye Enterprise
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com