データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM150811F データシート(PDF) 3 Page - Panasonic Semiconductor

部品番号 AM150811F
部品情報  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM150811F データシート(HTML) 3 Page - Panasonic Semiconductor

  AM150811F Datasheet HTML 1Page - Panasonic Semiconductor AM150811F Datasheet HTML 2Page - Panasonic Semiconductor AM150811F Datasheet HTML 3Page - Panasonic Semiconductor AM150811F Datasheet HTML 4Page - Panasonic Semiconductor AM150811F Datasheet HTML 5Page - Panasonic Semiconductor AM150811F Datasheet HTML 6Page - Panasonic Semiconductor AM150811F Datasheet HTML 7Page - Panasonic Semiconductor AM150811F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AM1
OPERATING CHARACTERISTICS
Standard types
Standard types (cont' d)
One way types
Reversed action types
Oil tight types
Types of actuator
Pin plunger
Overtravel plunger
Compact overtravel
plunger
Panel mount plunger
Operating force, max.
3.63 N
Release force, min.
1.12 N
Pretravel, max. mm
0.4
Movement differential, max. mm
0.05
Overtravel, min. mm
0.13
1.5
1.5
5.6
Operating position, mm
15.9
±0.4
28.2
±0.5
21.2
±0.5
21.8
±0.8
Types of actuator
Panel mount roller
plunger
Panel mount cross roller
plunger
Flexible leaf lever
Flexible roller leaf lever
Operating force, max.
3.63 N
1.47 N
Release force, min.
1.12 N
0.14 N
Pretravel, max. mm
0.4
4
Movement differential, max. mm
0.05
1.3
Overtravel, min. mm
3.6
1.6
Operating position, mm
33.3
±1.2
17.5
±0.8
28.6
±0.8
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
0.69 N
1.57 N
0.98 N
Release force, min.
0.14 N
0.42 N
0.2 N
Pretravel, max. mm
10
4.5
7.5
Movement differential, max. mm
1.3
0.7
1.3
Overtravel, min. mm
5.6
2.4
3.6
Operating position, mm
19.1
±0.7
30.2
±0.4
30.2
±0.7
Types of actuator
Rigid short roller lever
Rigid roller lever
Operating force, max.
2.23 N
1.67 N
Release force, min.
0.42 N
0.42 N
Pretravel, max. mm
3.5
4.5
Movement differential, max. mm
0.4
0.5
Overtravel, min. mm
1.5
2.4
Free position, max. mm
31.8
43.3
Operating position, mm
30.2
±0.4
41.3
±0.4
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
1.67 N
5.30 N
2.35 N
Release force, min.
0.27 N
1.67 N
0.56 N
Pretravel, max. mm
5.0
2.5
3.6
Movement differential, max. mm
0.9
0.4
0.7
Overtravel, min. mm
5.6
2.0
4.0
Operating position, mm
19.1
±0.8
30.2
±0.5
30.2
±0.8
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
0.69 N
1.67 N
0.98 N
Release force, min.
0.14 N
0.42 N
0.20 N
Pretravel, max. mm
10
4.5
7.5
Movement differential, max. mm
1.5
0.7
1.3
Overtravel, min. mm
5.6
2.4
3.6
Operating position, mm
19.1
±0.7
30.2
±0.4
30.2
±0.7
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


同様の部品番号 - AM150811F

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
AM1508LB AMD-AM1508LB Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
More results

同様の説明 - AM150811F

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com