データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM133811F データシート(PDF) 5 Page - Panasonic Semiconductor

部品番号 AM133811F
部品情報  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM133811F データシート(HTML) 5 Page - Panasonic Semiconductor

  AM133811F Datasheet HTML 1Page - Panasonic Semiconductor AM133811F Datasheet HTML 2Page - Panasonic Semiconductor AM133811F Datasheet HTML 3Page - Panasonic Semiconductor AM133811F Datasheet HTML 4Page - Panasonic Semiconductor AM133811F Datasheet HTML 5Page - Panasonic Semiconductor AM133811F Datasheet HTML 6Page - Panasonic Semiconductor AM133811F Datasheet HTML 7Page - Panasonic Semiconductor AM133811F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AM1
Panel mount roller plunger
mm General tolerance:
±0.4
Dimensions and Operating characteristics are the same as those of Panel mount roller plunger type. However, the roller joins the switch body at an angle of 90
°.
AM110811F (Solder terminal)
AM130811F (Screw terminal)
90
°
: Plastic
M12
× P1
Roller 12.7 dia.
× 4.6
Nut (2 thick)
16 ±
0.5
–0.05
+0.10
4.2
P.T.
0.4 max.
23.3 ±
0.3
33.3
O.P.
±1.2
14.3
4.2
+0.10
–0.05
dia.
15.5
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
3.6
Operating position,
mm
33.3
±1.2
CAD Data
Panel mount cross roller plunger
AM110812F (Solder terminal)
AM130812F (Screw terminal)
90
°
M12
× P1
Nut (2 thick)
: Plastic
Roller 12.7 dia.
× 4.6
16 ±
0.5
–0.05
+0.10
4.2
P.T.
0.4 max.
23.3 ±
0.3
33.3
O.P.
±1.2
14.3
4.2
+0.10
–0.05
dia.
15.5
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
3.6
Operating position,
mm
33.3
±1.2
CAD Data
Flexible leaf lever
AM1101F (Solder terminal)
AM1301F (Screw terminal)
14.6
4.8
49.6
±0.8
F.P.
O.P.
Leaf: Stainless steel
Operating force,
max.
1.47 N
Release force,
min.
0.14 N
Pretravel,
max. mm
4
Movement differential,
max. mm
1.3
Overtravel,
min. mm
1.6
Operating position,
mm
17.5
±0.8
CAD Data
Flexible roller leaf lever
AM1103F (Solder terminal)
AM1303F (Screw terminal)
14.6
46
±0.8
F.P.
O.P.
Leaf: Stainless steel
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.47 N
Release force,
min.
0.14 N
Pretravel,
max. mm
4
Movement differential,
max. mm
1.3
Overtravel,
min. mm
1.6
Operating position,
mm
28.6
±0.8
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


同様の部品番号 - AM133811F

メーカー部品番号データシート部品情報
logo
Analog Power
AM1330N ANALOGPOWER-AM1330N Datasheet
161Kb / 3P
   N-Channel 30V (D-S) MOSFET
AM1331P ANALOGPOWER-AM1331P Datasheet
129Kb / 5P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - AM133811F

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com