データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZT853TA データシート(PDF) 4 Page - Diodes Incorporated

部品番号 FZT853TA
部品情報  100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT853TA データシート(HTML) 4 Page - Diodes Incorporated

  FZT853TA Datasheet HTML 1Page - Diodes Incorporated FZT853TA Datasheet HTML 2Page - Diodes Incorporated FZT853TA Datasheet HTML 3Page - Diodes Incorporated FZT853TA Datasheet HTML 4Page - Diodes Incorporated FZT853TA Datasheet HTML 5Page - Diodes Incorporated FZT853TA Datasheet HTML 6Page - Diodes Incorporated FZT853TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT853
Document Number DS33175 Rev. 3 - 2
4 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FZT853
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
200
300
V
IC = 100µA
Collector-Emitter Breakdown Voltage
BVCER
200
300
V
IC = 1µA, RB ≤ 1kΩ
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
100
120
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.1
V
IE = 100µA
Collector Cut-off Current
ICBO
<1
10
1
nA
µA
VCB = 150V
VCB = 150V, TA = +100°C
Collector Cut-off Current
ICER
<1
10
1
nA
µA
VCB = 150V, RB ≤ 1kΩ
VCB = 150V, TA = +100°C
Emitter Cut-off Current
IEBO
<1
10
nA
VEB = 6V
DC Current Gain (Note 9)
hFE
100
200
IC = 10mA, VCE = 2V
100
200
300
IC = 2A, VCE = 2V
50
100
IC = 4A, VCE = 2V
20
30
IC = 10A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
14
50
mV
IC = 100mA, IB = 5mA
100
150
IC = 2A, IB = 100mA
250
340
IC = 5A, IB = 500mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
1050
1250
mV
IC = 5A, IB = 500mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
900
1100
mV
IC = 5A, VCE = 2V
Current Gain-Bandwidth Product (Note 9)
fT
130
MHz
IC = 100mA, VCE = 10V,
f = 50MHz
Output Capacitance (Note 9)
Cobo
35
pF
VCB = 10V, f = 1MHz
Switching Times
ton
50
ns
IC = 1A, VCC = 10V,
IB1 = -IB2 = 100mA
toff
1650
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%


同様の部品番号 - FZT853TA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FZT853TA DIODES-FZT853TA Datasheet
406Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR
More results

同様の説明 - FZT853TA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
   100V NPN low sat medium power transistor in SOT223
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
   100V PNP medium transistor in SOT223
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com