データシートサーチシステム |
|
TC164-FR-079M76 データシート(PDF) 3 Page - YAGEO Corporation |
|
TC164-FR-079M76 データシート(HTML) 3 Page - YAGEO Corporation |
3 / 8 page SERIES YC/TC 164 (RoHS Compliant) Chip Resistor Surface Mount www.yageo.com Oct 27, 2008 V.3 Product specification 3 8 P PH HY YC CO OM MP P B BR RA AN ND D o orrd deerriin ngg cco od deess Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp brand products. GLOBAL PART NUMBER (PREFERRED) For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2. Resistance decade (3) Last digit 0.01 to 0.0976 X 0 0.1 to 0.976 X 7 1 to 9.76 X 8 10 to 97.6 X 9 100 to 976 X 1 1 to 9.76 KX 2 10 to 97.6 KX 3 100 to 976 KX 4 1 to 9.76 MX 5 10 to 97.6 MX 6 Example: 0.02 X = 0200 or 200 0.3 X = 3007 or 307 1 X = 1008 or 108 33 KX = 3303 or 333 10 MX = 1006 or 106 Last digit of 12NC (1) The resistors have a 12-digit ordering code starting with 2350. (2) The subsequent 4 or 5 digits indicate the resistor tolerance and packaging. (3) The remaining 4 or 3 digits represent the resistance value with the last digit indicating the multiplier as shown in the table of “Last digit of 12NC”. (4) "L" is optional symbol (Note). ORDERING EXAMPLE The ordering code of a ARV241 resistor, value 1,000 X with ±5% tolerance, supplied in tape of 10,000 units per reel is: 235003510102(L) or YC164-JR-071K(L). NOTE 1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added (both are on customer request) 12NC CODE 2350 XXX XXXXX L (1) (2) (3) (4) PAPER / PE TAPE ON REEL (units) (2) TYPE/ 4×0603 START IN (1) TOL. (%) RESISTANCE RANGE 5,000 20,000 ARV241 2350 ±5% 1 to 1 MΩ 035 10xxx 035 12xxx ARV242 2350 ±1% 1 to 1 MΩ 025 1xxxx 025 3xxxx ARC241 2350 ±5% 10 to 1 MΩ 034 10xxx 013 3xxxx ARC242 2350 ±1% 10 to 1 MΩ 024 1xxxx 013 3xxxx Jumper 2350 - 0 Ω ARV241/YC164 035 91001 - ARC241/TC164 034 91001 - |
同様の部品番号 - TC164-FR-079M76 |
|
同様の説明 - TC164-FR-079M76 |