データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79L08 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 MC79L08
部品情報  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79L08 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button MC79L08 Datasheet HTML 4Page - Fairchild Semiconductor MC79L08 Datasheet HTML 5Page - Fairchild Semiconductor MC79L08 Datasheet HTML 6Page - Fairchild Semiconductor MC79L08 Datasheet HTML 7Page - Fairchild Semiconductor MC79L08 Datasheet HTML 8Page - Fairchild Semiconductor MC79L08 Datasheet HTML 9Page - Fairchild Semiconductor MC79L08 Datasheet HTML 10Page - Fairchild Semiconductor MC79L08 Datasheet HTML 11Page - Fairchild Semiconductor MC79L08 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC79LXXA/LM79LXXA
8
Typical Application
Design Considerations
The MC79LXXA/LM79LXXA Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts
down the circuit when subjected to an excessive power overload condition. Internal Short Circuit Protection that limits the
maximum current the circuit will pass. In many low current applications, compensation capacitors are not required. However,
it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter
with long wire lengths, or if the output load capacitance is large. An input bypass capacitor should be selected to provide good
high frequency characteristics to insure stable operation under all load conditions. A 0.33
µF or larger tantalum, mylar, or other
capacitor having low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with
the shortest possible leads directly across the regulator's input terminals. Normally good construction techniques should be
used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is
also recommended.
A common ground is required between the Input and the output voltages. The input voltage must remain typically 2.0V above
the output voltage even during the low point on the input ripple voltage.
* C1 is required if regulator is located an appreciable distance from power supply filter.
* CO improves stability and transient response.
Figure 1. Positive And Negative Regulator
Figure 2. Typical Application
LM78LXXA
MC78LXXA
LM79LXXA
MC79LXXA
I
MC79LXXA
LM79LXXA


同様の部品番号 - MC79L08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MC79L08ACP FAIRCHILD-MC79L08ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP Datasheet
642Kb / 1P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP-AP MCC-MC79L08BP-AP Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results

同様の説明 - MC79L08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com