データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1004CT データシート(PDF) 2 Page - Yea Shin Technology Co., Ltd

部品番号 UF1004CT
部品情報  ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1004CT データシート(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1004CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1004CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGAND CHARACTERIS TICCURVES
(+)
25Vdc
(approx)
(-)
OSCILLOSCCOPE
NOTE 1
1.Rise Time=7ns max
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance = 50 Ohms
1
Non
inductive
50
Noninductive
10
Noninductive
PULSE
GENERATOR
NOTE 2
(-)
(+)
+0.5A
0
-0.25
-1.0
SET TIME BASE
FOR10ns/cm
1cm
t
rr
Fig. 2- FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
Fig.4-PEAK FORWARD SURGECURRENT
Fig.3-FORWARD CURRENTDERATING CURVE
80
40
20
1
10
100
NOTES:
Fig.1-REVERSERECOVERY TIME CHARACTERISTIC AND TEST CIRCUITDIAGRAM
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
FORWARD VOLTAGE , VOLTS
60
T=25 C
J
O
140
100
120
1.4
%of PIV. VOLTS
Fig.5- TYPICAL REVERSE CHARACTERISTICS
1000
100
1.0
20
40
60
80
100
120
T = 25 C
J
O
T = 125 C
J
O
140
0.1
CASE TEMPERATURE, C
O
0
50
100
150
12.5
10.0
7.5
5.0
2.5
0
100
2.0
10
Fig.6-TYPICAL JUNCTION CAPACIT ANCE
REVERSE VOLTAGE,VOLTS
1
2
5 10 20
50 100
200
160
120
80
240
40
0
200 500
T = 25 C
J
O
600-800V
300-400V
50-200V
UF1000CT~UF1008CT
http://www.yeashin.com
2
REV.02 20110725


同様の部品番号 - UF1004CT

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
UF1004CT WTE-UF1004CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1004CT WTE-UF1004CT Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1004CT PANJIT-UF1004CT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF1004CT PANJIT-UF1004CT Datasheet
88Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
UF1004CT PACELEADER-UF1004CT Datasheet
254Kb / 2P
   SUPERFAST mount reverse voltage
More results

同様の説明 - UF1004CT

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
UF1000FCT YEASHIN-UF1000FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Yea Shin Technology Co....
UF800F YEASHIN-UF800F Datasheet
39Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
UF800 YEASHIN-UF800 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
DAESAN ELECTRONIC CORP.
RS1A DAESAN-RS1A Datasheet
289Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 800 Volts
logo
Continental Device Indi...
ER300 CDIL-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
Guangdong Juxing Electr...
ER300 JUXING-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com