データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28533EV2Z データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL28533EV2Z
部品情報  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28533EV2Z データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL28533EV2Z Datasheet HTML 6Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 7Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 8Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 9Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 10Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 11Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 12Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 13Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
10
FN8364.0
September 24, 2013
IOS
Input Offset Current
+25°C
-300
±50
300
pA
-40°C to +85°C
-350
-
350
pA
-40°C to +125°C
-1
-
1
nA
ZIN
Input Impedance
Common Mode
-
10
-
GΩ
-5
-
pF
EGAIN
Gain Error
G = 1 to 50
-0.2
±0.05
0.2
%
-0.35
-
0.35
%
G = 100 to 500
-0.3
±0.05
0.3
%
-0.4
-
0.4
%
G = 1000
-0.4
±0.05
0.4
%
-0.5
-
0.5
%
GAIN_TC
Gain Drift
G = 1 to 1,000
-40°C to +125°C
-
10
-
ppm/°C
CMRR
Common Mode Rejection Ratio
VCM = +0.1V to +2.4V
G = 1
80
100
-
dB
G = 10
100
114
-
dB
90
--
dB
G = 100
110
138
-
dB
100
--
dB
G = 1000
120
150
-
dB
110
--
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR
(V-) +0.1
-
(V+) -0.1
V
VREF Range
Reference Voltage Range
ISL2853x
V-
-
V+
V
ISL2863x
(V-) +0.6
-
(V+) -1
V
IREF
Reference Input Current
ISL2853x
VIN+ = VIN- = VREF = 1.25V
-0.5
0.1
0.5
µA
-1
-
1
µA
ISL2863x
-500
150
500
pA
-25
-
25
nA
ZREF
Reference Input Impedance
ISL2853x
36
40
44
kΩ
ISL2863x
-
10
-
GΩ
PSRR
Power Supply Rejection Ratio
Vs = +2.5V to +5.5V
G = 1V/V
110
130
-
dB
G = 10V/V
110
140
-
dB
G = 100V/V
120
140
-
dB
G = 1000V/V
120
140
-
dB
ISC
Short Circuit Output Source Current
RL = Short to V-
-
25
-
mA
Short Circuit Output Sink Current
RL = Short to V+
-
-25
-
mA
VOH
Output Voltage Swing, HIGH
RL = 10kΩ to VREF
-5
15
mV
-
-
20
mV
Operating Specifications V+ = 2.5V, V- = 0V, VCM = 1.25V, TA = +25°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


同様の部品番号 - ISL28533EV2Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28533EV2Z INTERSIL-ISL28533EV2Z Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28533EV2Z RENESAS-ISL28533EV2Z Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

同様の説明 - ISL28533EV2Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28533FVZ INTERSIL-ISL28533FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com